Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 23 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 19Page - Analog Devices ADRF6821 Datasheet HTML 20Page - Analog Devices ADRF6821 Datasheet HTML 21Page - Analog Devices ADRF6821 Datasheet HTML 22Page - Analog Devices ADRF6821 Datasheet HTML 23Page - Analog Devices ADRF6821 Datasheet HTML 24Page - Analog Devices ADRF6821 Datasheet HTML 25Page - Analog Devices ADRF6821 Datasheet HTML 26Page - Analog Devices ADRF6821 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 23 of 61
Equation 3 results in a very fine frequency resolution with no
residual frequency error. To apply this formula, take the
following steps:
1. Calculate N by VCOOUT/fPFD.
2. The integer value of this number forms INT.
3. Subtract the INT value from the full N value.
4. Multiply the remainder by 224.
5. The integer value of this number forms FRAC1.
6. Calculate MOD based on the channel spacing (fCHSP) by
MOD = fPFD/GCD(fPFD, fCHSP)
(4)
where:
GCD(fPFD, fCHSP) is the greatest common divider of the PFD
frequency and the desired channel spacing frequency.
7. Calculate FRAC2 by the following equation:
FRAC2 = ((N − INT) × 224 − FRAC1)) × MOD
(5)
The FRAC2 and MOD fraction result in outputs with zero
frequency error for channel spacings when
fPFD/GCD(fPFD/fCHSP) < 16,383
(6)
where:
fPFD is the frequency of the phase frequency detector.
GCD is a greatest common denominator function.
fCHSP is the desired channel spacing frequency.
After determining the necessary register values for PLL, set the
SD_EN_FRAC0 bit (Register 0x122A, Bit 5) to 1. In the integer
mode (when FRAC = 0), set the SD_EN_OUT_OFF bit
(Register 0x122A, Bit 4) to 1. In the same manner, set the
SD_EN_OUT_OFF bit to 0 for fractional mode (that is, when
FRAC ≠ 0).
It is recommended to set the charge pump current to be 2.4 mA,
by setting the CP_CURRENT bit (Register 0x122E, Bits[3:0]) to
8. With a 20 kHz loop filter, the charge pump current setting
results in an optimized performance.
Bleed Setting
The PFD circuitry compares the PFD and divided down VCO
signals. The ADRF6821 employs a bleed circuit to put the PFD
circuit in the linear operation region. The bleed circuit introduces a
delay to the incoming PFD signal, indicated as PFD_OFFSET in
Equation 7. Calculate the bleed current, BICP, (Register 0x122F,
Bits[7:0]), from the desired PFD_OFFSET, as shown in
Equation 7.
BICP = Integer(round(float(ICP × PFD_OFFSET ×
fPFD)/960)/255))
(7)
where:
ICP is the charge pump current.
The recommended PFD_OFFSET for the 20 kHz loop filter is 2 ns.
PLL Lock Time
The time it takes to lock the PLL after the last register is written
into two parts: VCO band calibration and loop settling.
After writing to the last register, the PLL automatically performs
a VCO band calibration to choose the correct VCO band. This
calibration requires approximately 200 µs. After calibration
completes, the feedback action of the PLL causes the VCO to
eventually lock to the correct frequency. The speed with which
this lock occurs depends on the small signal settling of the loop.
Settling time, after calibration, depends on the PLL loop filter
bandwidth. With a 20 kHz loop filter bandwidth, settling time is
approximately 200 µs.
Lock Detect Control
The ADRF6821 provides two ways of observing lock detection.
Lock detection can be monitored from a dedicated register,
LOCK_DETECT (Register 0x124D, Bit 0). Lock detection can
also be monitored through the dedicated LO_LCKDT pin (Pin 23).
Required PLL/VCO Settings and Register Write Sequence
Configure the PLL registers as described in the PLL Frequency
Programming section to achieve the desired frequency, and
the last write must be to Register 0x1200 (INT_L). When
Register 0x1200 is programmed, an internal VCO calibration
initiates, which is the last step to locking the PLL.
External LO Mode
The external LO frequency range is 900 MHz to 5600 MHz and
2× LO signal is used with the internal quadrature divider. To
configure for external LO mode, write the following register
sequence and apply the differential LO signals to Pin 31
(EXT_LO_IN+) and Pin 32 (EXT_LO_IN−).
Table 14. Register Settings for External LO Mode
Register
Required Value
Description
0x120B
0x00
Disable feedback divider
0x122D
0x00
Disable PFD and charge pump (CP)
0x1240
0x03
Disable VCO adjust
0x1217
0x00
Set VCO select to a low value
0x121F
0x40
Disable calibration
0x1021
0xD8
Disable PLL blocks
0x1414
0xA1
Use external LO
The EXT_LO_IN+ and EXT_LO_IN− input pins must be
ac-coupled. When not in use, leave the EXT_LO_IN+ and
EXT_LO_IN− pins unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com