Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6821 Datasheet(PDF) 34 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 30Page - Analog Devices ADRF6821 Datasheet HTML 31Page - Analog Devices ADRF6821 Datasheet HTML 32Page - Analog Devices ADRF6821 Datasheet HTML 33Page - Analog Devices ADRF6821 Datasheet HTML 34Page - Analog Devices ADRF6821 Datasheet HTML 35Page - Analog Devices ADRF6821 Datasheet HTML 36Page - Analog Devices ADRF6821 Datasheet HTML 37Page - Analog Devices ADRF6821 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 34 of 61
LAYOUT
Careful layout of the ADRF6821 is necessary for optimizing
performance and minimizing stray parasitics. Because the
ADRF6821 supports two channels, the layout of the RF section
is critical in achieving isolation between channels. Figure 64
shows the recommended layout for the RF inputs. The best
layout approach is to keep the traces short and direct. In
addition, for improved isolation, do not route the RF input
traces in parallel to each other and spread the traces immediately
after each one leaves the pins. Keep the traces as far away from
each other as possible (and at an angle, if possible) to prevent
cross coupling.
The input impedance of the RF inputs is 50 Ω, and the traces
leading to the pin must have a 50 Ω characteristic impedance.
Terminate the unused RF inputs with a dc blocking capacitor to
ground.
Figure 64. RF/IF Domain Layout
The ADRF6821 incorporates a very low noise PLL/VCO and
care must be taken when designing the PCB routing around the
PLL/VCO pins. It is required to put the decoupling capacitors
for the supply pins as close as possible. If 0402 capacitors are
used, putting all of the decoupling capacitors close to the pin
becomes problematic. In such a case, place the smaller value
decoupling capacitor as close as possible to the pin. It is a good
practice to keep the first capacitor of the loop filter close to the
CPOUT pin, and the last capacitor close to the VTUNE pin, as
can be seen in Figure 65.
Figure 65. PLL/VCO Domain Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com