Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 97Page - STMicroelectronics ST25R3911B Datasheet HTML 98Page - STMicroelectronics ST25R3911B Datasheet HTML 99Page - STMicroelectronics ST25R3911B Datasheet HTML 100Page - STMicroelectronics ST25R3911B Datasheet HTML 101Page - STMicroelectronics ST25R3911B Datasheet HTML 102Page - STMicroelectronics ST25R3911B Datasheet HTML 103Page - STMicroelectronics ST25R3911B Datasheet HTML 104Page - STMicroelectronics ST25R3911B Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 116 page
background image
Symbol
Parameter
Min Typ Max
Unit
Comments
•
resistance of MSB segment multiplied by two is the value of RRFO.
Zload
Load impedance
across
RFO1 and RFO2
8
10
50
Ω
Using a load impedance lower than the minimum value can result in permanent
damage to the device.
VRFI
RFI input sensitivity
-
0.5
-
mVrms fSUB = 848 kHz, AM channel with peak detector input stage selected.
RRFI
RFI input resistance
5
10
15
kΩ
-
VPOR
Power on Reset
voltage
1.31 1.5 1.75
V
-
VAGD
AGD voltage
1.4
1.5
1.6
V
Register 00h set to 0Fh (no clock on MCU_CLK), register 01h set to C0h (3 V
supply mode, disable VSP_D), register 02h set to 80h, register 03h set to 08h, other
registers in default state, short VSP_A and VSP_D.
VREG
Regulated voltage
2.80 3.0 3.32
V
Manual regulator mode, regulated voltage set to 3.0 V, measured on pin VSP_RF:
register 00h set to 0Fh, register 01h set to 80h (3 V supply mode), register 02h set
to E8h (one channel Rx, enable Tx), register 2Ah set to D8h.
TOSC
Oscillator
start-up time
0.65 0.7
10
ms
13.56 MHz or 27.12 MHz crystal
ESRMAX= 150 Ω max, load capacitance according to crystal specification, IRQ is
issued once the oscillator frequency is stable. This parameter changes with
ESRMAX parameter.
ST25R3911B
Electrical specifications
DS11793 - Rev 6
page 101/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com