Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 101Page - STMicroelectronics ST25R3911B Datasheet HTML 102Page - STMicroelectronics ST25R3911B Datasheet HTML 103Page - STMicroelectronics ST25R3911B Datasheet HTML 104Page - STMicroelectronics ST25R3911B Datasheet HTML 105Page - STMicroelectronics ST25R3911B Datasheet HTML 106Page - STMicroelectronics ST25R3911B Datasheet HTML 107Page - STMicroelectronics ST25R3911B Datasheet HTML 108Page - STMicroelectronics ST25R3911B Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 116 page
background image
4.2
VFQFPN32 package information
The ST25R3911B is available in a 32-pin QFN (5 mm x 5 mm) package (see Figure 32. QFN32 package outline).
Dimensions are detailed in Table 102. QFN32 5 mm x 5 mm dimensions.
Figure 33. VFQFPN - 32 pins, 5x5 mm, 0.5 mm pitch, very thin fine pitch quad flat no lead package outline
ccc C
E2
D2
Pin #1 ID
Chamfer 0.35
32
1
8
L
b
e
24
16
S1
bbb M C A B
32x
E
Pin #1 ID
B
D
C
A
32x
eee C
Detail A
A
A1
BOTTOM VIEW
TOP VIEW
L
A3
0.05 Ref.
SLP1 PLATED AREA
Terminal length
Terminal thickness
Detail A
SIDE VIEW
SIDE VIEW
1.
Drawing is not to scale.
2.
Co-planarity applies to the exposed heat slug as well as to the terminal.
Table 103. VFQFPN - 32 pins, 5x5 mm, 0.5 mm pitch, very thin fine pitch quad flat no lead mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.800
0.900
1.000
0.0315
0.0354
0.0394
A1
0
-
0.050
0
-
0.0020
A3
0.200
0.0079
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
b
0.180
0.250
0.300
0.0071
0.0098
0.0118
D
5.000
0.1969
D2
3.400
3.500
3.600
0.1339
0.1378
0.1417
E
5.000
0.1969
E2
3.400
3.500
3.600
0.1339
0.1378
0.1417
e
0.500
0.0197
S1
0.350
0.0138
bbb
-
0.100
-
-
0.0039
-
ccc
-
0.100
-
-
0.0039
-
ST25R3911B
VFQFPN32 package information
DS11793 - Rev 6
page 105/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com