Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25R3911B Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST25R3911B
Description  High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3911B Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST25R3911B Datasheet HTML 100Page - STMicroelectronics ST25R3911B Datasheet HTML 101Page - STMicroelectronics ST25R3911B Datasheet HTML 102Page - STMicroelectronics ST25R3911B Datasheet HTML 103Page - STMicroelectronics ST25R3911B Datasheet HTML 104Page - STMicroelectronics ST25R3911B Datasheet HTML 105Page - STMicroelectronics ST25R3911B Datasheet HTML 106Page - STMicroelectronics ST25R3911B Datasheet HTML 107Page - STMicroelectronics ST25R3911B Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 116 page
background image
2.
Co-planarity applies to the exposed heat slug as well as to the terminal.
3.
Radius on terminal is optional.
4.
N is the total number of terminals.
5.
This drawing is subject to change without notice.
Table 102. QFN32 5 mm x 5 mm dimensions
Symbol
(as specified in Figure 32)
Min.
Typ.
Max.
A
0.80
0.90
1.00
A1
0
0.02
0.05
A2
-
0.65
1.00
A3
-
0.20
-
L
0.35
0.40
0.45
q
0º
-
14º
b
0.18
0.25
0.30
D
-
5.00 (with BSC)
-
E
-
5.00 (with BSC)
-
e
-
0.50 (with BSC)
-
D2
3.40
3.50
3.60
E2
3.40
3.50
3.60
D1
-
4.75 (with BSC)
-
E1
-
4.75 (with BSC)
-
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N (1)
32
1. Total number of terminals.
Note:
All dimensions are in mm. All angles are in degrees.
ST25R3911B
QFN32 package information
DS11793 - Rev 6
page 104/116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com