Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 110 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 106Page - STMicroelectronics L9966 Datasheet HTML 107Page - STMicroelectronics L9966 Datasheet HTML 108Page - STMicroelectronics L9966 Datasheet HTML 109Page - STMicroelectronics L9966 Datasheet HTML 110Page - STMicroelectronics L9966 Datasheet HTML 111Page - STMicroelectronics L9966 Datasheet HTML 112Page - STMicroelectronics L9966 Datasheet HTML 113Page - STMicroelectronics L9966 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 122 page
background image
16.28
SQNCR_RESULT_[1:15]
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
CR
R (ADC1), CR (ADC2)
Address:
1110_0001 up to 1110_1111
Description:
Sequencer Result Register [1:15]
When resistor measurement selected in SQNCR_CMD_x:
Table 81. SQNCR_RESULT_[1:15] register bit description ([14:0] ADC_RESULT
Range
Field name/description
Reset Value
Reset Event
[15] Parity
Default
[14:0] ADC_RESULT=
2048*RPD/RRx in new data is available, 0x0000 otherwise
ADC result is RPD/RRx represented with 4 bit integer part(bit[14:11]) and 11 bit
fractional part(bit[10:0])
000000000000000
PORn
RSTn
When voltage measurement selected in SQNCR_CMD_x:
Table 82. SQNCR_RESULT_[1:15] register bit description ([14] NEW_RESULT_FLAG
Range
Field name/description
Reset Value
Reset Event
[15] Parity
Default
[14] NEW_RESULT_FLAG
New result flag (clear on read)
0
PORn
RSTn
[13:12]
Reserved
00
PORn
RSTn
[11:0]
ADC_RESULT
000000000000
PORn
RSTn
L9966
SQNCR_RESULT_[1:15]
DS12459 - Rev 10
page 110/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com