Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9966 Datasheet(PDF) 113 Page - STMicroelectronics

Part # L9966
Description  FlexInput IC for automotive applications
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9966 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button L9966 Datasheet HTML 109Page - STMicroelectronics L9966 Datasheet HTML 110Page - STMicroelectronics L9966 Datasheet HTML 111Page - STMicroelectronics L9966 Datasheet HTML 112Page - STMicroelectronics L9966 Datasheet HTML 113Page - STMicroelectronics L9966 Datasheet HTML 114Page - STMicroelectronics L9966 Datasheet HTML 115Page - STMicroelectronics L9966 Datasheet HTML 116Page - STMicroelectronics L9966 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 122 page
background image
8.
No intrusion allowed inwards the leads.
9.
Dimension “b” does not include dambar protrusion. Allowable dambar protrusion shall not cause the lead
width to exceed the maximum “b” dimension by more than 0.08 mm. Dambar cannot be located on the lower
radius or the foot. Minimum space between protrusion and an adjacent lead is 0.07 mm for 0.4 mm and 0.5
mm pitch packages.
10. Exact shape of each corner is optional.
11. These dimensions apply to the flat section of the lead between 0.10 mm and 0.25 mm from the lead tip.
12. A1 is defined as the distance from the seating plane to the lowest point on the package body.
13. Dimensions D2 and E2 show the maximum exposed metal area on the package surface where the exposed
pad is located (if present). It includes all metal protrusions from exposed pad itself. End user should verify
D2 and E2 dimensions according to specific device application.
14. Dimensions D3 and E3 show the minimum solderable area, defined as the portion of exposed pad which is
guaranteed to be free from resin flashes/bleeds, bordered by internal edge of inner groove.
15. The optional exposed pad is generally coincident with the top or bottom side of the package and not allowed
to protrude beyond that surface.
16. “N” is the number of terminal positions for the specified body size.
17. For Tolerance of Form and Position see Table 83.
18. Critical dimensions:
18.1 Stand-Off
18.2 Overall Width
18.3 Lead Coplanarity
19. ST component cross reference: DM00516738.
20. For Symbols, Recommended Values and Tolerances see table below:
Table 84. Symbols, Recommended Values and Tolerances
SYMBOL
DEFINITION
NOTES
aaa
The tolerance that controls the position of the terminal pattern with
respect to Datum A and B. The center of the tolerance zone for each
terminal is defined by basic dimension e as related to Datum A and B.
For flange-molded packages, this
tolerance also applies for basic
dimensions D1 and E1. For packages
tooled with intentional terminal tip
protrusions, aaa does not apply to those
protrusions.
bbb
The bilateral profile tolerance that controls the position of the plastic
body sides. The centers of the profile zones are defined by the basic
dimensions D and E.
-
ccc
The unilateral tolerance located above the seating plane where in the
bottom surface of all terminals must be located.
This tolerance is commonly known as the
“coplanarity” of the package terminals.
ddd
The tolerance that controls the position of the terminals to each other.
The centers of the profile zones are defined by basic dimension e.
This tolerance is normally compounded
with tolerance zone defined by “b”.
L9966
TQFP48 (7x7x1 mm exp. pad down 5.0x5.0) package information
DS12459 - Rev 10
page 113/122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com