Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 42Page - Cirrus Logic CS4525 Datasheet HTML 43Page - Cirrus Logic CS4525 Datasheet HTML 44Page - Cirrus Logic CS4525 Datasheet HTML 45Page - Cirrus Logic CS4525 Datasheet HTML 46Page - Cirrus Logic CS4525 Datasheet HTML 47Page - Cirrus Logic CS4525 Datasheet HTML 48Page - Cirrus Logic CS4525 Datasheet HTML 49Page - Cirrus Logic CS4525 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 91 page
background image
46
DS726A1
CS4525
6.1.7.4
PWM Channel Delay
The CS4525 includes a PWM output signal delay mechanism. This mechanism allows the PWM switching
edges to be offset between channels as a method of managing switching noise and reducing radiated
emissions.
The OutputDly[3:0] bits in the Output Cfg register are used to adjust the channel delay amount from
0 to 15 SYS_CLK or crystal input clock cycles, whichever is used as the input clock source. The absolute
delay time is calculated by multiplying the setting of the OutputDly[3:0] bits by the period of the input clock
source. By default, no delay is inserted.
When the power outputs are configured for 2-channel full-bridge operation, the OUT3/OUT4 signal pair is
delayed from the OUT1/OUT2 signal pair by the delay amount as shown in Figure 19 below.
When the power outputs are configured for 3-channel (2-channel half-bridge and 1-channel full-bridge)
operation, OUT2 is delayed from OUT1 by the delay amount, and the OUT3/OUT4 pair is delayed from
OUT2 by the delay amount as shown in Figure 20 below.
The OutputDly[3:0] bits can only be changed when all modulators and associated logic are in the power-
down state by setting the PDnAll bit. Attempts to write these bits while the PDnAll bit is cleared will be
ignored.
Referenced Control
Register Location
OutputDly[3:0] ..................... “Channel Delay Settings (OutputDly[3:0])” on page 68
OUT1
OUT2
tch
dly
OUT3
OUT4
Figure 19. 2-Channel Full-Bridge PWM Output Delay
OUT1
OUT2
tch
dly
tch
dly
OUT3
OUT4
Figure 20. 3-Channel PWM Output Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com