Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 81 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 81 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 77Page - Cirrus Logic CS4525 Datasheet HTML 78Page - Cirrus Logic CS4525 Datasheet HTML 79Page - Cirrus Logic CS4525 Datasheet HTML 80Page - Cirrus Logic CS4525 Datasheet HTML 81Page - Cirrus Logic CS4525 Datasheet HTML 82Page - Cirrus Logic CS4525 Datasheet HTML 83Page - Cirrus Logic CS4525 Datasheet HTML 84Page - Cirrus Logic CS4525 Datasheet HTML 85Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 91 page
background image
DS726A1
81
CS4525
9.18
Power Control (Address 5Fh)
9.18.1
Select VD Level (SelectVD)
Default = 1
Function:
This bit selects between a VD of 2.5 V or 3.3 V when the LVD pin is connected to DGND. This bit is ignored
when the LVD pin is connected to VD.
9.18.2
Power Down ADC (PDnADC)
Default = 1
Function:
The ADC will enter a power down state when this bit is enabled.
9.18.3
Power Down PWM Power Output X (PDnOutX)
Default = 1
Function:
When set, the specific PWM power output will enter a power-down state. Only the output power stage is
powered down. The PWM modulator is not affected, nor is the setup or delay register values. When set
to normal operation, the specific output will power up according to the state of the RmpSpd[1:0] bits and
the channel output configuration selected. When transitioning from normal operation to power down, the
specific output will power down according to the state of the RmpSpd[1:0] bits and the channel output con-
figuration selected.
9.18.4
Power Down (PDnAll)
Default = 1
Function:
The entire device will enter a low-power state when this function is enabled, and the contents of the control
registers are retained in this mode. The power-down bit defaults to ‘enabled’ on power-up and must be
disabled before normal operation can occur.
7
6
5
432
10
Reserved
Reserved
SelectVD
PDnADC
PDnOut3/4
PDnOut2
PDnOut1
PDnAll
SelectVD Setting
Selected VD Level
0 .......................................... VD = 2.5 V.
1 .......................................... VD = 3.3 V.
PDnADC Setting
ADC Power-Down State
0 .......................................... Normal ADC operation.
1 .......................................... ADC power-down enabled.
PDnChX Setting
Power Output X Power-Down State
0 .......................................... Normal power output X operation.
1 .......................................... Power output X power-down enabled.
PDnAll Setting
Device Power-Down State
0 .......................................... Normal device operation.
1 .......................................... Device power-down enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com