Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 78 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 74Page - Cirrus Logic CS4525 Datasheet HTML 75Page - Cirrus Logic CS4525 Datasheet HTML 76Page - Cirrus Logic CS4525 Datasheet HTML 77Page - Cirrus Logic CS4525 Datasheet HTML 78Page - Cirrus Logic CS4525 Datasheet HTML 79Page - Cirrus Logic CS4525 Datasheet HTML 80Page - Cirrus Logic CS4525 Datasheet HTML 81Page - Cirrus Logic CS4525 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 91 page
background image
78
DS726A1
CS4525
9.13
Channel 1, 2, & 3 Volume Control (Address 58h, 59h, & 5Ah)
9.13.1
Channel X Volume Control (ChXVol[7:0])
Default = 30h
Function:
Sets the gain/attenuation levels of the channel 1, 2, and 3 individual volume controls. See “Volume and
Muting Control” on page 36 for more information.
9.14
Mute/Invert Control (Address 5Bh)
9.14.1
ADC Invert Signal Polarity (InvADC)
Default = 0
Function:
When set, the signal polarity of the ADC will be inverted.
9.14.2
Invert Signal Polarity (InvChX)
Default = 0
Function:
When set, the signal polarity of the respective channels will be inverted.
9.14.3
ADC Channel Mute (MuteADC)
Default = 0
Function:
The output of the ADC will mute when enabled.
76
543
21
0
ChXVol7
ChXVol6
ChXVol5
ChXVol4
ChXVol3
ChXVol2
ChXVol1
ChXVol0
ChXVol[7:0] Setting
Channel X Volume Setting
0000 0000 ........................... +24 dB
............................
0011 0000............................ 0.0 dB
0011 0001............................ -0.5 dB
0011 0010............................ -1.0 dB
............................
1111 1110............................. -103.0 dB
1111 1111 ............................. Channel Mute
76
543
21
0
InvADC
InvCh3
InvCh2
InvCh1
MuteADC
MuteCh3
MuteCh2
MuteCh1
InvADC Setting
ADC Signal Inversion State
0 .......................................... ADC signal polarity not inverted.
1 .......................................... ADC signal polarity inverted.
InvChX Setting
Channel X Signal Inversion State
0 .......................................... Channel X signal polarity not inverted.
1 .......................................... Channel X signal polarity inverted.
MuteADC Setting
ADC Mute State
0 .......................................... ADC un-muted.
1 .......................................... ADC muted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com