Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 26Page - Cirrus Logic CS4525 Datasheet HTML 27Page - Cirrus Logic CS4525 Datasheet HTML 28Page - Cirrus Logic CS4525 Datasheet HTML 29Page - Cirrus Logic CS4525 Datasheet HTML 30Page - Cirrus Logic CS4525 Datasheet HTML 31Page - Cirrus Logic CS4525 Datasheet HTML 32Page - Cirrus Logic CS4525 Datasheet HTML 33Page - Cirrus Logic CS4525 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 91 page
background image
30
DS726A1
CS4525
6.1.4.2
Digital Signal Processing High-Pass Filter
The CS4525 includes a high-pass filter at the beginning of the digital signal processing chain to remove
any DC content from the input signal prior to the remaining internal digital signal processing blocks. The
high-pass filter operates by continuously subtracting a measure of the DC offset from the input signal and
may be used regardless of the input data source.
The digital signal processing high-pass filter can be disabled by clearing the EnDigHPF bit.
6.1.4.3
Channel Mixer
The CS4525 implements independent channel mixers to provide for both mono mixes and channel swaps
for the left and right channels. The channel mixers are controlled by the LChMix[1:0] and RChMix[1:0] bits
in the Mixer Config register.
To allow stereo headphone operation when a mono mix is configured, when the HP_DETECT/MUTE pin
is configured for headphone detection (the HP/Mute bit is set), the operation of the left channel mixer is
affected by the active state of the headphone detection input signal. In this configuration, when the left
channel mixer is configured for a mono mix (LChMix[1:0] = 01 or 10) and the headphone detection input
signal becomes active, the left channel mixer will be automatically reconfigured to output the left channel,
thereby disabling the mono mix. When the headphone detection input signal becomes inactive, the mixer
will be automatically reconfigured to operate as dictated by the LChMix[1:0] bits.
It should be noted that the right channel mixer output is unaffected by the headphone detection input sig-
nal and will always operate as dictated by the RChMix[1:0] bits.
Referenced Control
Register Location
EnDigHPF ........................... “Digital Signal Processing High-Pass Filter (EnDigHPF)” on page 71
Referenced Control
Register Location
LChMix[1:0[ ......................... “Left Channel Mixer (LChMix[1:0])” on page 71
RChMix[1:0] ........................ “Right Channel Mixer (RChMix[1:0])” on page 70
HP/Mute .............................. “HP_Detect/Mute Pin Mode (HP/Mute)” on page 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com