Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 84 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 84 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 80Page - Cirrus Logic CS4525 Datasheet HTML 81Page - Cirrus Logic CS4525 Datasheet HTML 82Page - Cirrus Logic CS4525 Datasheet HTML 83Page - Cirrus Logic CS4525 Datasheet HTML 84Page - Cirrus Logic CS4525 Datasheet HTML 85Page - Cirrus Logic CS4525 Datasheet HTML 86Page - Cirrus Logic CS4525 Datasheet HTML 87Page - Cirrus Logic CS4525 Datasheet HTML 88Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
84
DS726A1
CS4525
9.19.7
Mask Bit for Channel X Overflow (ChOvflM)
Default = 0
Function:
This bit serves as a mask for the channel overflow interrupt source. If this bit is set, the ChOvfl interrupt
is unmasked, meaning that if the ChOvfl bit is set, the INT pin will go active. If the ChOvflM bit is cleared,
the ChOvfl condition is masked, meaning that its occurrence will not affect the INT pin. However, the ChO-
vfl and ChXOvflSt bits will continue to reflect the overflow state of the individual channels.
9.19.8
Mask Bit for Amplifier Error (AmpErrM)
Default = 0
Function:
This bit serves as a mask for the amplifier error interrupt sources. If this bit is set, the AmpErr interrupt is
unmasked, meaning that if the AmpErr bit is set, the INT pin will go active. If the AmpErrM bit is cleared,
the AmpErr condition is masked, meaning that its occurrence will not affect the INT pin. However, the Am-
pErr and the amplifier error bits in the amplifier error status register will continue to reflect the status of the
amplifier error conditions.
9.20
Interrupt Status Register (Address 61h) - Read Only
All bits in this register are considered “level-trigger” events, meaning as long as a condition continues, the corre-
sponding bit will remain set. These status bits are not affected by the interrupt mask bit and the condition of each
bit can be polled. These bits will not be cleared following a read to this register, nor can they be written to cause an
interrupt condition.
9.20.1
SRC State Transition (SRCLockSt)
Default = 0
Function:
This bit is read only and reflects the current lock state of the SRC. When set, indicates the SRC is currently
locked. When cleared, indicates the SRC is currently unlocked.
ChOvflM Setting
ChOvfl INT Pin Mask State
0 .......................................... ChOvfl condition masked.
1 .......................................... ChOvfl condition un-masked.
AmpErrM Setting
AmpErr INT Pin Mask State
0 .......................................... AmpErr condition masked.
1 .......................................... AmpErr condition un-masked.
76
5
4
3
2
1
0
SRCLockSt
ADCOvflSt
Ch3OvflSt
Ch2OvflSt
Ch1OvflSt
RampDone
Reserved
Reserved
SRCLockSt Setting
SRC Lock State
0 .......................................... SRC is currently unlocked.
1 .......................................... SRC is currently locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com