Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 62Page - Cirrus Logic CS4525 Datasheet HTML 63Page - Cirrus Logic CS4525 Datasheet HTML 64Page - Cirrus Logic CS4525 Datasheet HTML 65Page - Cirrus Logic CS4525 Datasheet HTML 66Page - Cirrus Logic CS4525 Datasheet HTML 67Page - Cirrus Logic CS4525 Datasheet HTML 68Page - Cirrus Logic CS4525 Datasheet HTML 69Page - Cirrus Logic CS4525 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 91 page
background image
66
DS726A1
CS4525
9.2
Input Configuration (Address 02h)
9.2.1
Input Source Selection (ADC/SP)
Default = 0
Function:
This bit selects the audio input source.
9.2.2
ADC High-Pass Filter Enable (EnAnHPF)
Default = 1
Function:
Controls the operation of the ADC high-pass filter.
9.2.3
Serial Port Sample Rate (SPRate[1:0]) - Read Only
Default = XX
Function:
Identifies the sample rate of the incoming LRCK signal on the serial audio input port.
9.2.4
Input Serial Port Digital Interface Format (DIF [2:0])
Default = 000
Function:
Selects the serial audio interface format used for the data in on SDIN. The required relationship between
the Left/Right clock, serial clock and serial data is defined by the Digital Interface Format and the options
are detailed in the section “Serial Audio Interfaces” on page 57.
76
543
21
0
ADC/SP
EnAnHPF
Reserved
SPRate1
SPRate0
DIF2
DIF1
DIF0
ADC/SP Setting
Audio Input Source
0 .......................................... Digital input from the serial audio input port.
1 .......................................... Analog input from the internal ADC.
EnAnHPF Setting
ADC High-Pass Filter State
0 .......................................... ADC high-pass filter disabled.
1 .......................................... ADC high-pass filter enabled.
SPRate[1:0] Setting
Identified Input Sample Rate
00 ........................................ 32 kHz
01 ........................................ 44.1 kHz
10 ........................................ 48 kHz
11......................................... 96 kHz
DIF[2:0] Setting
Input Serial Port Serial Audio Interface Format
000 ...................................... Left-Justified, up to 24-bit data.
001 ...................................... I²S, up to 24-bit data.
010 ...................................... Right-Justified, 24-bit data.
011....................................... Right-Justified, 20-bit data.
100 ...................................... Right-Justified, 18-bit data.
101 ...................................... Right-Justified, 16-bit data.
110....................................... Reserved.
111 ....................................... Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com