Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 51Page - Cirrus Logic CS4525 Datasheet HTML 52Page - Cirrus Logic CS4525 Datasheet HTML 53Page - Cirrus Logic CS4525 Datasheet HTML 54Page - Cirrus Logic CS4525 Datasheet HTML 55Page - Cirrus Logic CS4525 Datasheet HTML 56Page - Cirrus Logic CS4525 Datasheet HTML 57Page - Cirrus Logic CS4525 Datasheet HTML 58Page - Cirrus Logic CS4525 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 91 page
background image
DS726A1
55
CS4525
6.4.2
Full-Bridge Output Filter (Stereo or Parallel)
Figure 26 shows the output filter for a full-bridge configuration. The transient-voltage suppression circuit
(snubber circuit) is comprised of a resistor (20
Ω) and capacitor (330 pF) and should be placed as close
as possible to the corresponding PWM output pins to greatly reduce radiated EMI. The inductors, L1, and
capacitor, C1, comprise the low-pass filter. Along with the nominal load impedance of the speaker, these
values set the cutoff frequency of the filter. Table 17 shows the component values based on nominal
speaker (load) impedance for a corner frequency (-3 dB point) of approximately 35 kHz.
Load
L1
C1
4
Ω
10 µH
1.0 µF
6
Ω
15 µH
0.47 µF
8
Ω
22 µH
0.47 µF
Table 17. Low-Pass Filter Components - Full-Bridge
OUT1
330 pF
20
Ω
OUT2
C1
L1
L1
Figure 26. Output Filter - Full-Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com