Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 60 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 60 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 56Page - Cirrus Logic CS4525 Datasheet HTML 57Page - Cirrus Logic CS4525 Datasheet HTML 58Page - Cirrus Logic CS4525 Datasheet HTML 59Page - Cirrus Logic CS4525 Datasheet HTML 60Page - Cirrus Logic CS4525 Datasheet HTML 61Page - Cirrus Logic CS4525 Datasheet HTML 62Page - Cirrus Logic CS4525 Datasheet HTML 63Page - Cirrus Logic CS4525 Datasheet HTML 64Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
60
DS726A1
CS4525
Receive acknowledge bit.
Receive byte, contents of selected register.
Send acknowledge bit.
Send stop condition.
Setting the auto increment bit in the MAP allows successive reads or writes of consecutive registers. Each
byte is separated by an acknowledge bit.
7. PCB LAYOUT CONSIDERATIONS
7.1
Power Supply, Grounding
As with any high-resolution converter, the CS4525 requires careful attention to power supply and grounding
arrangements if its potential performance is to be realized.
Extensive use of power and ground planes, ground plane fill in unused areas and surface mount decoupling
capacitors are recommended. Decoupling capacitors should be as close to the pins of the CS4525 as pos-
sible. The lowest value ceramic capacitor should be closest to the pin and should be mounted on the same
side of the board as the CS4525 to minimize inductance effects. All signals, especially clocks, should be
kept away from the FILT+ and VQ pins in order to avoid unwanted coupling into the modulators. The FILT+
and VQ decoupling capacitors, particularly the 0.1 µF, must be positioned to minimize the electrical path
from FILT+ and AGND. The CRD4525 reference design demonstrates the optimum layout and power sup-
ply arrangements.
7.1.1
Integrated VD Regulator
The CS4525 includes two internal linear regulators, one from the VD supply voltage to provide a fixed 2.5
-V supply to its internal digital blocks, and another from the VD supply voltage to provide a fixed 2.5 - V
supply to its internal analog blocks. The LVD pin must be set to indicate the voltage present on the VD
pin as shown in Table 18 below.
The output of the digital regulator is presented on the VD_REG pin and may be used to provide an exter-
nal device with up to 3mA of current at its nominal output voltage of 2.5 - V. The output of the analog
regulator is presented on the VA_REG pin and must only be connected to the bypass capacitors as shown
in the typical connection diagrams.
If a nominal supply voltage of 2.5 V is used as the VD supply (see the Specified Operating Conditions
table on page 18), the VD, VD_REG, and VA_REG pins must all be connected to the VD supply source.
In this configuration, the internal regulators are bypassed and the external supply source is used to direct-
ly drive the internal digital and analog sections.
7.2
QFN Thermal Pad
The CS4525 is available in a compact QFN package. The underside of the QFN package reveals a large
metal pad that serves as a thermal relief to provide for maximum heat dissipation. This pad must mate with
an equally dimensioned copper pad on the PCB and must be electrically connected to ground. A series of
thermal vias should be used to connect this copper pad to one or more larger ground planes on other PCB
layers. The CRD4525 reference design demonstrates the optimum thermal pad and via configuration.
LVD
Indicated VD Supply Level
Low
2.5 V or 3.3 V Nominal
High
5 V Nominal
Table 18. Input Source Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com