Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 25Page - Cirrus Logic CS4525 Datasheet HTML 26Page - Cirrus Logic CS4525 Datasheet HTML 27Page - Cirrus Logic CS4525 Datasheet HTML 28Page - Cirrus Logic CS4525 Datasheet HTML 29Page - Cirrus Logic CS4525 Datasheet HTML 30Page - Cirrus Logic CS4525 Datasheet HTML 31Page - Cirrus Logic CS4525 Datasheet HTML 32Page - Cirrus Logic CS4525 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
DS726A1
29
CS4525
6.1.4
Digital Sound Processing
The CS4525 implements flexible digital sound processing operations including bass management cross-
over, 2-way speaker crossovers, high- and low-pass shelving filters, programmable parametric EQ filters,
adaptive loudness compensation, channel mixers, and volume controls.
The digital signal flow is shown in Figure 14 below. The signal processing blocks are described in detail
in the following sections.
6.1.4.1
Pre-Scaler
Applying any gain to a full-scale signal in the digital domain will cause the signal to clip. To prevent this,
a pre-scaler block is included prior to the internal digital signal processing blocks. This allows the input
signal to be attenuated before processing to ensure that any signal boosting, such as gain in a shelving
filter, will not cause a channel to clip.
The pre-scaler block allows up to -14.0 dB of attenuation in 2.0 dB increments and is controlled with the
PreScale[2:0] bits.
Referenced Control
Register Location
PreScale[2:0]....................... “Pre-Scale Attenuation (PreScale[2:0])” on page 70
Amplifier
Out 1
Amplifier
Out 2
Amplifier
Out 3
Amplifier
Out 4
PWM Modulator
Output 2
Audio
Processing
High-Pass
Bass/Treble
2-Ch Mixer
2.1 Bass Mgr
De-Emphasis
Serial Audio
Input Port
Volume
Auxiliary
Serial Port
Serial Audio
Delay
Interface
PWM
Output
Config
Gate
Drive
Power
Stage
Gate
Drive
Power
Stage
Gate
Drive
Power
Stage
Gate
Drive
Power
Stage
Stereo
Analog In
Serial Audio
Clocks & Data
Serial Audio
Data I/O
Serial Audio
Clocks & Data
PWM Modulator
Output 1
Ch. A HPF
Ch. A LPF
Ch. B HPF
Ch. B LPF
Ch. A HPF
Ch. A LPF
Serial Audio
Data In
Left
Right
Ch. B HPF
Ch. B LPF
Ch. 1
Ch. 2
Aux Serial Data Select
Data to
Aux Port
Ch. 3
Parametric EQ
Linkwitz-Riley
Crossover
Adaptive
Loudness
Compensation
High-
Pass
ADC
Loudness
Ch. A
Ch. B
LFE
Temperature Sense
Param EQ 4 - 5
Sample
Rate
Converter
PWM
Modulator
Ch. 3
Sample
Rate
Converter
PWM
Modulator
Ch. 2
Sample
Rate
Converter
PWM
Modulator
Ch. 1
Foldback
Temperature
Sense
Figure 14. Digital Signal Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com