Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 34Page - Cirrus Logic CS4525 Datasheet HTML 35Page - Cirrus Logic CS4525 Datasheet HTML 36Page - Cirrus Logic CS4525 Datasheet HTML 37Page - Cirrus Logic CS4525 Datasheet HTML 38Page - Cirrus Logic CS4525 Datasheet HTML 39Page - Cirrus Logic CS4525 Datasheet HTML 40Page - Cirrus Logic CS4525 Datasheet HTML 41Page - Cirrus Logic CS4525 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
38
DS726A1
CS4525
When the LimitAll feature is activated, attenuation will be applied to all channels when a single channel
exceeds the maximum threshold and released when the level of all channels is below the minimum
threshold. When the LimitAll feature is de-activated, limiter attenuation will be applied and released on a
per-channel basis and will only affect the channel on which the limiter event occurred.
The limiter can be enabled by setting the EnLimiter bit in the Limiter Cfg register.
Referenced Control
Register Location
EnLimiter ............................. “Peak Detect and Limiter Enable (EnLimiter)” on page 80
LimitAll................................. “Peak Signal Limit All Channels (LimitAll)” on page 79
Max[2:0] .............................. “Maximum Threshold (Max[2:0])” on page 79
Min[2:0] ............................... “Minimum Threshold (Min[2:0])” on page 79
ARate[5:0] ........................... “Limiter Attack Rate (ARate[5:0])” on page 80
RRate[5:0] ........................... “Limiter Release Rate (RRate[5:0])” on page 80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com