Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 82 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 78Page - Cirrus Logic CS4525 Datasheet HTML 79Page - Cirrus Logic CS4525 Datasheet HTML 80Page - Cirrus Logic CS4525 Datasheet HTML 81Page - Cirrus Logic CS4525 Datasheet HTML 82Page - Cirrus Logic CS4525 Datasheet HTML 83Page - Cirrus Logic CS4525 Datasheet HTML 84Page - Cirrus Logic CS4525 Datasheet HTML 85Page - Cirrus Logic CS4525 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
82
DS726A1
CS4525
9.19
Interrupt Register (Address 60h)
Bits [7:4] in this register are read only. A ‘1’b in these bit positions indicates that the associated condition has oc-
curred at least once since the register was last read. A ‘0’b indicates that the associated condition has not occurred
since the last reading of the register. Reading the register resets bits to [7:4] ‘0’b. These bits are considered “edge-
trigger” events. The operation of these 4 bits is not affected by the interrupt mask bits and the condition of each bit
can be polled instead of generating an interrupt as required.
9.19.1
SRC Lock State Transition Interrupt Bit (SRCLock)
Default = 0
Function:
This bit is read only. When set, indicates that the SRC has transitioned from an unlock to lock state or
from a lock state to an unlock state since the last read of this register. Conditions which cause the SRC
to transition states, such as loss of LRCK, SCLK, an LRCK ratio change, or the SRC achieving lock, will
cause this bit to be set. This interrupt bit is an edge-triggered event and will be cleared following a read
of this register.
If this bit is set, indicating a SRC state change condition, and the SRCLockM bit is set, the INT pin will go
active. To determine the current lock state of the SRC, read the SRCLockSt bit in the interrupt status reg-
ister.
9.19.2
ADC Overflow Interrupt Bit (ADCOvfl)
Default = 0
Function:
This bit is read only. When set, indicates that an over-range condition occurred anywhere in the CS4525
ADC signal path and has been clipped to positive or negative full scale as appropriate since the last read
of this register. This interrupt bit is an edge-triggered event and will be cleared following a read of this
register.
If this bit is set, indicating an ADC over-range condition, and the ADCOvflM bit is set, the INT pin will go
active. To determine the current overflow state of the ADC, read the ADCOvflSt bit in the interrupt status
register.
9.19.3
Channel Overflow Interrupt Bit (ChOvfl)
Default = 0
Function:
This bit is read only. When set, indicates that the magnitude of an output sample on channel 1, 2, or 3 has
exceeded full scale and has been clipped to positive or negative full scale as appropriate since the last
read of this register. This interrupt bit is an edge-triggered event and will be cleared following a read of
this register.
76
5
4
3
2
1
0
SRCLock
ADCOvfl
ChOvfl
AmpErr
SRCStateM
ADCOvflM
ChOvflM
AmpErrM
SRCLock Setting
SRC Lock State Change Status
0 .......................................... SRC lock state unchanged since last read of this register.
1 .......................................... SRC lock state changed since last read of this register.
ADCOvfl Setting
ADC Overflow Event Status
0 .......................................... ADC overflow condition has not occurred since last read of this register.
1 .......................................... ADC overflow condition has occurred since last read of this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com