Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 12Page - Cirrus Logic CS4525 Datasheet HTML 13Page - Cirrus Logic CS4525 Datasheet HTML 14Page - Cirrus Logic CS4525 Datasheet HTML 15Page - Cirrus Logic CS4525 Datasheet HTML 16Page - Cirrus Logic CS4525 Datasheet HTML 17Page - Cirrus Logic CS4525 Datasheet HTML 18Page - Cirrus Logic CS4525 Datasheet HTML 19Page - Cirrus Logic CS4525 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
16
DS726A1
CS4525
Main Tuner
A/V Switch
PIP Tuner
A/V In 1
A/V In 2
A/V In X
Monitor Out
Audio
Delay
Analog
Out
Analog
In
Analog
Out
18.432 MHz
Crystal In
Crystal Out
CS4525
PWM_SIG1
PWM_SIG2
Gate
Drive
Gate
Drive
Gate
Drive
Gate
Drive
CS4412
PWM In
Status
Out
Gate
Drive
Gate
Drive
Gate
Drive
Gate
Drive
CS4412
PWM In
Status
Out
Left
Speaker
Right
Speaker
Subwoofer
2 x 30 W Stereo + 1 x 30 W Subwoofer
Power
Foldback
Aux
Out
Analog In
Digital In
Delay
Port
Gate
Drive
Gate
Drive
Gate
Drive
Gate
Drive
Clock
Out
SYS_CLK
Control
Port
Control
Port
Sound
Processor
Var/Fixed Out
Figure 5. Typical System Configuration 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com