Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 39Page - Cirrus Logic CS4525 Datasheet HTML 40Page - Cirrus Logic CS4525 Datasheet HTML 41Page - Cirrus Logic CS4525 Datasheet HTML 42Page - Cirrus Logic CS4525 Datasheet HTML 43Page - Cirrus Logic CS4525 Datasheet HTML 44Page - Cirrus Logic CS4525 Datasheet HTML 45Page - Cirrus Logic CS4525 Datasheet HTML 46Page - Cirrus Logic CS4525 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 91 page
background image
DS726A1
43
CS4525
the Aux Config register. Because the delay interface uses the auxiliary port clock signals, the auxiliary
serial port must be enabled using the EnAuxPort bit in the Aux Port Configuration register to allow the
delay interface to operate properly.
6.1.6.2
External Warning Input Port
When implementing external PWM power stage devices with thermal warning indicator outputs, it can be
useful to provide these warning signals as in input to the internal thermal foldback algorithm. This allows
the CS4525 to automatically respond to the external devices’ thermal warning conditions without com-
pletely disrupting the system’s operation.
When configured as an external warning input port, the DLY_SDIN/EX_TWR is an active-low thermal
warning input to the foldback algorithm and the DLY_SDOUT pin becomes high-impedance.
In order for the foldback algorithm to act on the external thermal warning input signal, the thermal foldback
algorithm must be enabled by the EnTherm bit in the Foldback Cfg register. See “Thermal Foldback” on
page 39 for more information.
6.1.7
PWM Output Configuration
The CS4525 supports flexible PWM output configurations to enable a wide variety of system implemen-
tations. The 3 internal modulators can be used to generate multiple power output configurations and a
number of independently selected logic-level PWM output channel combinations. PWM PopGuard is
available for pop-free power up in half-bridge configurations, and PWM signal delays may be inserted to
manage system switching noise.
6.1.7.1
PWM Power Output Configurations
Three PWM power output configurations are supported as shown in Table 7 below. The configurations
support stereo full-bridge, stereo half-bridge with full-bridge LFE, and mono parallel full-bridge output.
Referenced Control
Register Location
AuxI²S/LJ............................. “Aux/Delay Serial Port Digital Interface Format (AuxI²S/LJ)” on page 67
EnAuxPort ........................... “Enable Aux Serial Port (EnAuxPort)” on page 67
Referenced Control
Register Location
EnTherm ............................. “Enable Thermal Foldback (EnTherm)” on page 69
OutputCfg[1:0]
Power Configuration
Output Signal
Output Pin(s)
00
2 Ch. Full-Bridge
Channel 1 +
Channel 1 -
Channel 2 +
Channel 2 -
OUT1
OUT2
OUT3
OUT4
01
2 Ch. Half-Bridge
+
1 Ch. Full-Bridge
Channel 1 +
Channel 2 +
Channel 3 +
Channel 3 -
OUT1
OUT2
OUT3
OUT4
10
1 Ch. Parallel Full-Bridge
Channel 1 +
Channel 1 -
OUT1, OUT2
OUT3, OUT4
Table 7. PWM Power Output Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com