Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 71 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 71 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 67Page - Cirrus Logic CS4525 Datasheet HTML 68Page - Cirrus Logic CS4525 Datasheet HTML 69Page - Cirrus Logic CS4525 Datasheet HTML 70Page - Cirrus Logic CS4525 Datasheet HTML 71Page - Cirrus Logic CS4525 Datasheet HTML 72Page - Cirrus Logic CS4525 Datasheet HTML 73Page - Cirrus Logic CS4525 Datasheet HTML 74Page - Cirrus Logic CS4525 Datasheet HTML 75Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
DS726A1
71
CS4525
9.6.3
Left Channel Mixer (LChMix[1:0])
Default = 00
Function:
Controls the left channel mixer output. See “Channel Mixer” on page 30 for more information.
9.7
Tone Configuration (Address 07h)
9.7.1
De-Emphasis Control (DeEmph)
Default = 0
Function:
Controls the operation of the internal de-emphasis filter. See “De-Emphasis” on page 31 for more infor-
mation.
9.7.2
Adaptive Loudness Compensation Control (Loudness)
Default = 0
Function:
Controls the operation of the adaptive loudness compensation feature. See “Adaptive Loudness Compen-
sation” on page 34 for more information.
9.7.3
Digital Signal Processing High-Pass Filter (EnDigHPF)
Default = 0
Function:
Controls the operation of the digital signal processing high-pass filter. See “Digital Signal Processing
High-Pass Filter” on page 30 for more information.
LChMix[1:0] Setting
Left Channel Mixer Output on Channel A
00 ........................................ Left Channel
01 ........................................ (Left Channel + Right Channel) / 2
10 ........................................ (Left Channel + Right Channel) / 2
11......................................... Right Channel
7
6
5
432
10
DeEmph
Loudness
EnDigHPF
TrebFc1
TrebFc0
BassFc1
BassFc0
EnToneCtrl
DeEmph Setting
De-Emphasis State
0 .......................................... No de-emphasis applied.
1 .......................................... 44.1 kHz 50/15 µs de-emphasis filter applied.
Loudness Setting
Adaptive Loudness Compensation State
0 .......................................... Disabled.
1 .......................................... Enabled.
EnDigHPF Setting
Digital Signal Processing High-Pass Filter State
0 .......................................... Digital signal processing high-pass filter disabled.
1 .......................................... Digital signal processing high-pass filter enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com