Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 64Page - Cirrus Logic CS4525 Datasheet HTML 65Page - Cirrus Logic CS4525 Datasheet HTML 66Page - Cirrus Logic CS4525 Datasheet HTML 67Page - Cirrus Logic CS4525 Datasheet HTML 68Page - Cirrus Logic CS4525 Datasheet HTML 69Page - Cirrus Logic CS4525 Datasheet HTML 70Page - Cirrus Logic CS4525 Datasheet HTML 71Page - Cirrus Logic CS4525 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
68
DS726A1
CS4525
9.3.5
Aux Serial Port Left Channel Data Select (LChDSel[1:0])
Default = 00
Function:
Selects the data to be sent over the left channel of the auxiliary port serial data output signal.
9.4
Output Configuration Register (Address 04h)
9.4.1
Output Configuration (OutputCfg[1:0])
Default = 00
Function:
Identifies the power output configuration. This parameter can only be changed when all modulators and
associated logic are in the power-down state (the PDnAll bit is set). Attempts to write this register while
the PDnAll is cleared will be ignored. See “PWM Power Output Configurations” on page 43 for more in-
formation.
9.4.2
PWM Signals Output Data Select (PWMDSel[1:0])
Default = 00
Function:
Selects the PWM data output on the PWM_SIG1 and PWM_SIG2 output signals.See “PWM_SIG Logic-
Level Output Configurations” on page 44 for more information.
9.4.3
Channel Delay Settings (OutputDly[3:0])
Default = 0000
Function:
The channel delay bits allow delay adjustment of each of the power output audio channels. The value of
this register determines the amount of delay inserted in the output path. The delay time is calculated by
multiplying the register value by the period of the SYS_CLK or crystal input clock source. These bits can
LChDSel[1:0] Setting
Aux Serial Port Left Channel Output Data Source
00 ........................................ Channel A.
01 ........................................ Channel B.
10 ........................................ LFE Channel.
11......................................... Channel B crossover high-pass output.
7
6543
210
OutputCfg1
OutputCfg0
PWMDSel1
PWMDSel0
OutputDly3
OutputDly2
OutputDly1
OutputDly0
OutputCfg[1:0] Setting
Power Output Configuration
00 ........................................ Channel 1 & 2 Full-Bridge.
01 ........................................ Channel 1 & 2 Half-Bridge + Channel 3 Full-Bridge.
10 ........................................ Channel 1 Parallel Full-Bridge.
11......................................... Reserved.
PWMDSel Setting
PWM Signal Output Mapping
00 ........................................ PWM_SIG1 output disabled.
PWM_SIG2 output disabled.
01 ........................................ Channel 1 output on PWM_SIG1.
Channel 2 output on PWM_SIG2.
10 ........................................ Channel 1 output on PWM_SIG1.
Channel 3 output on PWM_SIG2.
11......................................... Channel 2 output on PWM_SIG1.
Channel 3 output on PWM_SIG2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com