Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 22Page - Cirrus Logic CS4525 Datasheet HTML 23Page - Cirrus Logic CS4525 Datasheet HTML 24Page - Cirrus Logic CS4525 Datasheet HTML 25Page - Cirrus Logic CS4525 Datasheet HTML 26Page - Cirrus Logic CS4525 Datasheet HTML 27Page - Cirrus Logic CS4525 Datasheet HTML 28Page - Cirrus Logic CS4525 Datasheet HTML 29Page - Cirrus Logic CS4525 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 91 page
background image
26
DS726A1
CS4525
6. APPLICATIONS
6.1
Software Mode
Maximum device flexibility and features are available when the CS4525 is used in software mode. The avail-
able features are described in the following sections. All device configuration is achieved via the I²C control
port as described in the I²C Control Port Description and Timing section on page 59.
6.1.1
System Clocking
In software mode, the CS4525 can be clocked by a stable external clock source input on the SYS_CLK
pin or by a clock internally generated through the use of its internal oscillator driver circuit in conjunction
with an external crystal oscillator. The device automatically selects which of these clocks to use immedi-
ately after the release of RST.
The internal clock is used to synchronize the input serial audio signals with the internal clock domain and
to clock the internal digital processing, sample-rate converter, and PWM modulators. It is also used to de-
termine the sample rate of the serial audio input signals in order to automatically configure the various
internal filter coefficients.
To ensure proper operation, the CS4525 must be informed of the nominal frequency of the supplied
SYS_CLK signal or the attached crystal via the ClkFreq[1:0] bits in the Clock Config register. These bits
must be set to the appropriate value before the PDnAll bit is cleared to initiate a power-up sequence. See
the SYS_CLK Switching Specifications and XTI Switching Specifications tables on page 23 for complete
input frequency range specifications.
6.1.1.1
SYS_CLK Input Clock Mode
If an input clock is detected on the SYS_CLK pin and oscillations are not detected on the XTI pin following
the release of RST, the device will automatically use the SYS_CLK input as its clock source. The applied
SYS_CLK clock signal must oscillate within the frequency ranges specified in the SYS_CLK switching
specifications table on page 23. In this mode, XTI should be connected to ground and XTO should be left
unconnected.
Figure 12 below demonstrates a typical clocking configuration using the SYS_CLK input.
Referenced Control
Register Location
ClkFreq[1:0]......................... “Clock Frequency (ClkFreq[1:0])” on page 64
PDnAll ................................. “Power Down (PDnAll)” on page 81
SYS_CLK
RST
DSP
Reset_Out
Clock_In
Clock
XTI
XTO
Figure 12. Typical SYS_CLK Input Clocking Configuration
CS4525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com