Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 35Page - Cirrus Logic CS4525 Datasheet HTML 36Page - Cirrus Logic CS4525 Datasheet HTML 37Page - Cirrus Logic CS4525 Datasheet HTML 38Page - Cirrus Logic CS4525 Datasheet HTML 39Page - Cirrus Logic CS4525 Datasheet HTML 40Page - Cirrus Logic CS4525 Datasheet HTML 41Page - Cirrus Logic CS4525 Datasheet HTML 42Page - Cirrus Logic CS4525 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
DS726A1
39
CS4525
6.1.4.11
Thermal Foldback
The CS4525 implements comprehensive thermal foldback features to guard against damaging thermal
overload conditions.
The thermal foldback algorithm begins limiting the volume of the digital audio input to the amplifier stage
as the junction temperatures rise above the maximum safe operating range specified by the thermal warn-
ing trip point listed in the PWM Power Output Characteristics table on page 20. This effectively limits the
output power capability of the device, thereby allowing the temperature to reduce to acceptable levels
without fully interrupting operation. As the device cools, the applied attenuation is gradually released until
a new thermal equilibrium is reached or all applied attenuation has been released thereby allowing the
device to again achieve its full output power capability.
Attenuation applied due to thermal foldback reduces the audio output level in a linear manner. Figure 18
below demonstrates the foldback process.
Thermal Warning
Threshold
tdelay
1
2
2
2
2
3
1
Foldback Attack Delay
AttackDly[1:0]
tdelay
tdelay
tdelay
tdelay
3
The junction temperature is checked once again after the next foldback attack timer timeout. If it has remained below the
thermal warning threshold since the last check, the device will begin to release any attenuation applied as a result of the
foldback event. Setting the LockAdj bit will prevent the device from removing the applied attenuation when the thermal
overload condition has cleared.
If the junction temperature crosses the thermal warning threshold again, the foldback algorithm will once again enter
step 1.
1
When the junction temperature crosses the thermal warning threshold, the foldback attack delay timer is started.
2
When the foldback attack delay timer reaches tdelay seconds, the junction temperature is checked. If the junction
temperature is above the thermal warning threshold, the output volume level is lowered by 0.5 dB and the foldback
attack timer is restarted.
The junction temperature is checked after each foldback attack timer timeout, and if necessary, the output volume level
is lowered accordingly.
If the junction temperature is found to be below the thermal warning threshold, the foldback attack timer is restarted
once again, but the output volume level is not altered. The foldback algorithm then proceeds to step 3.
Figure 18. Foldback Process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com