Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 4Page - Cirrus Logic CS4525 Datasheet HTML 5Page - Cirrus Logic CS4525 Datasheet HTML 6Page - Cirrus Logic CS4525 Datasheet HTML 7Page - Cirrus Logic CS4525 Datasheet HTML 8Page - Cirrus Logic CS4525 Datasheet HTML 9Page - Cirrus Logic CS4525 Datasheet HTML 10Page - Cirrus Logic CS4525 Datasheet HTML 11Page - Cirrus Logic CS4525 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 91 page
background image
8
DS726A1
CS4525
1. PIN DESCRIPTIONS - SOFTWARE MODE
Pin Name
Pin #
Pin Description
INT
1
Interrupt (Output) - Indicates an interrupt condition has occurred.
SCL
2
Serial Control Port Clock (Input) - Serial clock for the I²C control port.
SDA
3
Serial Control Data (Input/Output) - Bi-directional data I/O for the I²C control port.
LRCK
4
Left Right Clock (Input) - Determines which channel, Left or Right, is currently active on the serial
audio data line.
SCLK
5
Serial Clock (Input) - Serial bit clock for the serial audio interface.
SDIN
6
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
HP_DETECT/
MUTE
7
Headphone Detect / Mute (Input) - Headphone detection or mute input signal.
RST
8
Reset (Input) - The device enters a low power mode and all internal registers are reset to their
default settings when this pin is driven low.
Top-Down (Through Package) View
48-Pin QFN Package
12
7
6
5
4
3
2
1
11
10
9
8
25
30
31
32
33
34
35
36
26
27
28
29
14
13
15
16
17
18
19
20
21
22
23
24
47
48
46
45
44
43
42
41
40
39
38
37
INT
SCL
SDA
LRCK
SCLK
SDIN
HP_DETECT/MUTE
RST
LVD
DGND
VD_REG
VD
VP
OUT1
PGND
PGND
OUT2
VP
VP
OUT3
PGND
PGND
OUT4
VP
CS4525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com