Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 36Page - Cirrus Logic CS4525 Datasheet HTML 37Page - Cirrus Logic CS4525 Datasheet HTML 38Page - Cirrus Logic CS4525 Datasheet HTML 39Page - Cirrus Logic CS4525 Datasheet HTML 40Page - Cirrus Logic CS4525 Datasheet HTML 41Page - Cirrus Logic CS4525 Datasheet HTML 42Page - Cirrus Logic CS4525 Datasheet HTML 43Page - Cirrus Logic CS4525 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
40
DS726A1
CS4525
The AttackDly[1:0] bits in the Foldback Cfg register allow the foldback attack delay timeout period to be
adjusted from approximately 0.5 seconds to approximately 2.0 seconds. The maximum attenuation ap-
plied by the thermal foldback algorithm can be restricted to -30 dB by setting the EnFloor bit in the same
register.
The foldback adjustment lock feature causes the attenuation applied by the foldback algorithm to be main-
tained after the foldback condition has subsided. The applied attenuation will continue to be applied until
the master volume or all active channel volume controls are lowered below the foldback attenuation level,
or until a subsequent foldback condition occurs causing the applied attenuation to be lowered further. If
the foldback algorithm applies attenuation while this feature is enabled, when the feature is subsequently
disabled, the applied attenuation will be gradually released as long as the temperature remains within the
safe operating range. This foldback lock adjustment feature is enabled by the LockAdj bit in the
Foldback Cfg register.
Thermal warnings will only affect the foldback algorithm and cause attenuation to be applied when en-
abled by the EnTherm bit in the Foldback Cfg register.
The CS4525 can be configured to accept an external thermal warning indicator input. When in this con-
figuration, an active input signal indicates that a thermal warning threshold has been exceeded. If thermal
foldback is enabled, the foldback algorithm will respond as described above making no distinction be-
tween an internal or external thermal warning condition. See “External Warning Input Port” on page 43 for
more information.
Referenced Control
Register Location
EnTherm ............................. “Enable Thermal Foldback (EnTherm)” on page 69
AttackDly[1:0] ...................... “Foldback Attack Delay (AttackDly[1:0])” on page 69
EnFloor................................ “Enable Foldback Floor (EnFloor)” on page 70
LockAdj ............................... “Lock Foldback Adjust (LockAdj)” on page 69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com