Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 5Page - Cirrus Logic CS4525 Datasheet HTML 6Page - Cirrus Logic CS4525 Datasheet HTML 7Page - Cirrus Logic CS4525 Datasheet HTML 8Page - Cirrus Logic CS4525 Datasheet HTML 9Page - Cirrus Logic CS4525 Datasheet HTML 10Page - Cirrus Logic CS4525 Datasheet HTML 11Page - Cirrus Logic CS4525 Datasheet HTML 12Page - Cirrus Logic CS4525 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
DS726A1
9
CS4525
LVD
9
VD Voltage Level Indicator (Input) - Identifies the voltage level attached to VD. When applying
5.0 V to VD, LVD must be connected to VD. When applying 2.5 V or 3.3 V to VD, LVD must be
DGND.
DGND
10
Digital Ground (Input) - Ground for the internal logic and digital I/O.
VD_REG
11
Core Logic Power (Output) - Internally generated low voltage power supply for digital logic.
VD
12
Power (Input) - Positive power supply for the internal regulators and digital I/O.
VA_REG
13
Analog Power (Output) - Internally generated positive power for the analog section and I/O.
AGND
14
Analog Ground (Input) - Ground reference for the internal analog section and I/O.
FILT+
15
Positive Voltage Reference (Output) - Positive reference voltage for the internal ADC sampling
circuits.
VQ
16
Common Mode Voltage (Output) - Filter connection for internal common mode voltage.
AFILTL
AFILTR
17
18
Antialias Filter Connection (Output) - Antialias filter connection for ADC inputs.
AINL
AINR
19
20
Analog Input (Input) - The full-scale input level is specified in the ADC Analog Characteristics
specification table.
OCREF
21
Over Current Reference Setting (Input) - Sets the reference for over current detection.
PGND
22,23
27,28
33,34
37,38
Power Ground (Input) - Ground for the individual output power half-bridge devices.
RAMP_CAP
24
Output Ramp Capacitor (Input) - Used for shaping the output ramp time for half-bridge configured
outputs.
VP
25,30,
31,36
High Voltage Power (Input) - High voltage power supply for the individual half-bridge devices.
OUT4
OUT3
OUT2
OUT1
26
29
32
35
PWM Output (Output) - Amplified PWM power outputs.
PWM_SIG2
PWM_SIG1
39
40
PWM Output (Output) - PWM switching signals.
DLY_SDOUT
41
Delay Serial Audio Data Out (Output) - Output for two’s complement serial audio data. Default pin
configuration.
DLY_SDIN/
EX_TWR
42
Delay Serial Audio Data Input (Input) - Input for two’s complement serial audio data. Default pin
configuration.
External Thermal Warning (Input) - Input for an external thermal warning signal. Configurable via
the I²C control port.
AUX_SDOUT
43
Auxiliary Port Serial Audio Data Out (Output) - Output for two’s complement auxiliary port serial
data.
AUX_SCLK
44
Auxiliary Port Serial Clock (Output) - Serial clock for the auxiliary port serial interface.
AUX_LRCK/
AD0
45
Auxiliary Port Left Right Clock (Output) - Determines which channel, Left or Right, is currently
active on the serial audio data line.
AD0 (Input) - Sets the LSB of the I²C device address. Sensed on the release of RST.
SYS_CLK
46
System Clock (Input/Output) -Clock source for the internal logic, processing, and modulators.
XTO
47
Crystal Oscillator Output (Output) - Crystal oscillator driver output.
XTI
48
Crystal Oscillator Input (Input) - Crystal oscillator driver input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com