Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 86 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 86 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 82Page - Cirrus Logic CS4525 Datasheet HTML 83Page - Cirrus Logic CS4525 Datasheet HTML 84Page - Cirrus Logic CS4525 Datasheet HTML 85Page - Cirrus Logic CS4525 Datasheet HTML 86Page - Cirrus Logic CS4525 Datasheet HTML 87Page - Cirrus Logic CS4525 Datasheet HTML 88Page - Cirrus Logic CS4525 Datasheet HTML 89Page - Cirrus Logic CS4525 Datasheet HTML 90Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
86
DS726A1
CS4525
9.21.2
External Amplifier State (ExtAmpSt)
Default = 0
Function:
When set, indicates a thermal warning condition is currently being reported by an external amplifier. For
proper operation, the delay serial port must be configured to support an external thermal warning input
signal. This status bit reflects the active state of the external thermal warning input signal.
9.21.3
Under Voltage Detected (UnderV)
Default = 0
Function:
When set, indicates an undervoltage condition is currently present on the VP voltage rail.
9.21.4
Thermal Error Detected (ThermErr)
Default = 0
Function:
When set, indicates a thermal error condition (specified by the thermal error trip point listed in the PWM
Power Output Characteristics table on page 20) is currently present.
9.21.5
Thermal Warning Detected (ThermWarn)
Default = 0
Function:
When set, indicates a thermal warning condition (specified by the thermal warning trip point listed in the
PWM Power Output Characteristics table on page 20) is currently present.
ExtAmpSt Setting
External Amplifier Status
0 .......................................... A thermal warning condition is not currently being reported by an external amplifier.
1 .......................................... A thermal warning condition is currently being reported by an external amplifier.
UnderV Setting
VP Under Voltage Status
0 .......................................... An under-voltage condition is not currently present on the VP supply.
1 .......................................... An under-voltage condition is currently present on the VP supply.
ThermErr Setting
Thermal Error Status
0 .......................................... A thermal error condition is not currently present.
1 .......................................... A thermal error condition is currently present.
ThermWarn Setting
Thermal Warning Status
0 .......................................... A thermal warning condition is not currently present.
1 .......................................... A thermal warning condition is currently present.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com