Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 10Page - Cirrus Logic CS4525 Datasheet HTML 11Page - Cirrus Logic CS4525 Datasheet HTML 12Page - Cirrus Logic CS4525 Datasheet HTML 13Page - Cirrus Logic CS4525 Datasheet HTML 14Page - Cirrus Logic CS4525 Datasheet HTML 15Page - Cirrus Logic CS4525 Datasheet HTML 16Page - Cirrus Logic CS4525 Datasheet HTML 17Page - Cirrus Logic CS4525 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
14
DS726A1
CS4525
+10.5 V to +18 V
31
30
25
36
12
470 µF
0.1 µF
0.1 µF
0.1 µF
0.1 µF
470 µF
35
RAMP_CAP
0.033 µF
0.1 µF
10 µF
+3.3 to +5 V
Analog
Audio
Inputs
Analog
Audio
Switch
AINR
20
AINL
19
10
23
22
28
33
34
37
38
27
OUT1
OUT2
Output
Filter
35
32
OUT3
OUT4
Output
Filter
29
26
PWM_SIG2
39
40
PWM_SIG1
Line
Output
- or -
Headphone
Output
Analog
Monitor
Output
Audio
Processor
SDIN
6
LRCK
4
SCLK
5
AGND 14
VA_REG 13
AFILTA 17
AFILTB 18
FILT+ 15
VQ 16
0.1 µF
10 µF
150 pF
150 pF
10 µF
1 µF
LVD
9
22 k
Ω
VD or GND
OCREF 21
20 k
Ω
TSTO
TSTI
47
48
46
SYS_CLK
Clock
18.432 MHz
CLK_FREQ0
1
CLK_FREQ1
2
7
MUTE
EN_TFB
44
TWR
41
ERRUVTE
42
I²S/LJ
45
Micro-
Controller
RST
8
VD
43
ERROC
ADC/SP
3
VD_REG
11
0.1 µF
10 µF
Figure 2. Typical Connection Diagram - Hardware Mode
CS4525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com