Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 23Page - Cirrus Logic CS4525 Datasheet HTML 24Page - Cirrus Logic CS4525 Datasheet HTML 25Page - Cirrus Logic CS4525 Datasheet HTML 26Page - Cirrus Logic CS4525 Datasheet HTML 27Page - Cirrus Logic CS4525 Datasheet HTML 28Page - Cirrus Logic CS4525 Datasheet HTML 29Page - Cirrus Logic CS4525 Datasheet HTML 30Page - Cirrus Logic CS4525 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
DS726A1
27
CS4525
6.1.1.2
Crystal Oscillator Mode
To use an external crystal in conjunction with the internal crystal driver, a 20 pF fundamental mode par-
allel resonant crystal must be connected between the XTI and XTO pins. This crystal must oscillate within
the frequency ranges specified in the XTI switching specifications table on page 23. Nothing other than
the crystal and its load capacitors should be connected to XTI and XTO.
If an external crystal is connected to the XTI/XTO pins following the release of RST, the device will auto-
matically use the crystal as its clock source regardless of the presence of an input clock signal on the
SYS_CLK pin.
In this mode, the CS4525 will automatically drive the generated internal clock out of the SYS_CLK pin.
This can be disabled with the EnSysClk bit which will cause the SYS_CLK pin to become high-impedance.
Also, the DivSysClk bit allows the frequency of the generated internal clock to be divided by 2 prior to be-
ing driven out of the SYS_CLK.
It should be noted that the internal oscillator driver is disabled when the CS4525 is in reset (RST is low).
Any external devices connected to the SYS_CLK output will not receive a clock signal until the CS4525
is taken out of reset.
Figure 13 below demonstrates a typical clocking configuration using the crystal oscillator.
Referenced Control
Register Location
EnSysClk............................. “SYS_CLK Output Enable (EnSysClk)” on page 64
DivSysClk............................ “SYS_CLK Output Divider (DivSysClk)” on page 64
DSP
RST
RST
Reset
SYS_CLK
Clock_In
XTI
XTO
Figure 13. Typical Crystal Oscillator Clocking Configuration
CS4525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com