Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 69 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 69 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 65Page - Cirrus Logic CS4525 Datasheet HTML 66Page - Cirrus Logic CS4525 Datasheet HTML 67Page - Cirrus Logic CS4525 Datasheet HTML 68Page - Cirrus Logic CS4525 Datasheet HTML 69Page - Cirrus Logic CS4525 Datasheet HTML 70Page - Cirrus Logic CS4525 Datasheet HTML 71Page - Cirrus Logic CS4525 Datasheet HTML 72Page - Cirrus Logic CS4525 Datasheet HTML 73Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
DS726A1
69
CS4525
only be changed while all modulators and associated logic are in the power-down state (the PDnAll bit is
set). Attempts to write these bits while the PDnAll bit is cleared will be ignored. See “PWM Channel Delay”
on page 50 for more information.
9.5
Foldback and Ramp Configuration (Address 05h)
9.5.1
Enable Thermal Foldback (EnTherm)
Default = 0
Function:
Enables the thermal foldback feature. See “Thermal Foldback” on page 39 for more information.
9.5.2
Lock Foldback Adjust (LockAdj)
Default = 0
Function:
Controls the operation of the foldback lock adjustment feature. See “Thermal Foldback” on page 39 for
more information.
9.5.3
Foldback Attack Delay (AttackDly[1:0])
Default = 01
Function:
Controls the foldback attack delay. See “Thermal Foldback” on page 39 for more information.
OutputDly[3:0] Setting
Output Delay in Input Clock Source Cycles
0000 .................................... 0 - No Delay
0001 .................................... 1
0010 .................................... 2
....................................
1000 .................................... 8
....................................
1111 ..................................... 15 - Max Delay
7
6
5
432
10
Reserved
EnTherm
LockAdj
AttackDly1
AttackDly0
EnFloor
RmpSpeed1
RmpSpeed0
EnTherm Setting
Thermal Foldback State
0 .......................................... Disabled.
1 .......................................... Enabled.
LockAdj Setting
Foldback Adjustment Lock State
0 .......................................... Attenuation lock disabled.
1 .......................................... Attenuation lock enabled.
AttackDly[1:0] Setting
Foldback Attack Time
00 ........................................ Approximately 0.5 seconds.
01 ........................................ Approximately 1.0 seconds.
10 ........................................ Approximately 1.5 seconds.
11......................................... Approximately 2.0 seconds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com