Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 85 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 85 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 81Page - Cirrus Logic CS4525 Datasheet HTML 82Page - Cirrus Logic CS4525 Datasheet HTML 83Page - Cirrus Logic CS4525 Datasheet HTML 84Page - Cirrus Logic CS4525 Datasheet HTML 85Page - Cirrus Logic CS4525 Datasheet HTML 86Page - Cirrus Logic CS4525 Datasheet HTML 87Page - Cirrus Logic CS4525 Datasheet HTML 88Page - Cirrus Logic CS4525 Datasheet HTML 89Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
DS726A1
85
CS4525
9.20.2
ADC Overflow (ADCOvfl)
Default = 0
Function:
This bit is read only and will identify the presence of an overflow condition within the ADC. When set, in-
dicates that an over-range condition is currently occurring in the CS4525 ADC signal path and has been
clipped to positive or negative full scale.
9.20.3
Channel X Overflow (ChXOvfl)
Default = 0
Function:
These bits are read only and will identify the presence of an overflow condition anywhere in the associated
channel’s signal path. When set, indicates that an over-range condition is currently occurring in the chan-
nel’s signal path and has been clipped to positive or negative full scale.
9.20.4
Ramp-Up Cycle Complete (RampDone)
Default = 0
Function:
When set, indicates that all active channels have completed the configured ramp-up interval.
9.21
Amplifier Error Status (Address 62h) - Read Only
All bits in this register are considered “level-trigger” events, meaning as long as a condition continues, the corre-
sponding bit will remain set. These status bits are not affected by the interrupt mask bit and the condition of each
bit can be polled. These bits will not be cleared following a read to this register, nor can they be written to cause an
interrupt condition.
9.21.1
Over-Current Detected On Channel X (OverCurrX)
Default = 0
Function:
When set, indicates an over current condition is currently present on the corresponding amplifier output.
ADCOvfl Setting
ADC Overflow State
0 .......................................... An ADC overflow condition is not currently present.
1 .......................................... An ADC overflow condition is currently present.
ChXOvfl Setting
Channel X Overflow State
0 .......................................... An overflow condition is not currently present on channel X.
1 .......................................... An overflow condition is currently present on channel X.
RampDone Setting
Ramp Completion State
0 .......................................... Ramp-up interval not completed on all channels.
1 .......................................... Ramp-up interval completed on all channels.
7
6
5
432
10
OverCurr4
OverCurr3
OverCurr2
OverCurr1
ExtAmpErr
UnderV
ThermErr
ThermWarn
OverCurrX Setting
Amplifier Over-Current Status
0 .......................................... An over current condition is not currently present on amplifier output X.
1 .......................................... An over current condition is currently present on amplifier output X.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com