Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 41 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 41 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 37Page - Cirrus Logic CS4525 Datasheet HTML 38Page - Cirrus Logic CS4525 Datasheet HTML 39Page - Cirrus Logic CS4525 Datasheet HTML 40Page - Cirrus Logic CS4525 Datasheet HTML 41Page - Cirrus Logic CS4525 Datasheet HTML 42Page - Cirrus Logic CS4525 Datasheet HTML 43Page - Cirrus Logic CS4525 Datasheet HTML 44Page - Cirrus Logic CS4525 Datasheet HTML 45Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
DS726A1
41
CS4525
6.1.4.12
2-Way Crossover & Sensitivity Control
The CS4525 implements a dedicated stereo 24 dB/octave Linkwitz-Riley crossover filter with adjustable
cross-over frequency and sensitivity control to facilitate 2-way speaker configurations. The filter’s high-
pass output can be used to drive the tweeter, and its low-pass output is used can be drive the mid-
range/woofer. The sensitivity control is included to adjust the level of the high-pass and low-pass outputs
to compensate for differences in the tweeter and mid-range/woofer sensitivity.
The two-way crossover is implemented with one of two preset internal filter sets. One set is optimized for
a 32 kHz sample rate, and the other is optimized for 44.1 kHz, 48 kHz, and 96 kHz sample rates. The
CS4525 automatically detects the input sample rate and chooses the appropriate filter set to apply. The
available cross-over frequencies are shown in Table 5 below and are configured with the 2WayFreq[2:0]
bits in the Volume Cfg register.
Note that the corner frequency of each filter set scales linearly with the input sample rate.
When the internal ADC is used as the serial audio data source, the input sample rate is nominally 48 kHz
and the corresponding shelving frequency corners are available.
The sensitivity level of the high- and low-pass outputs of the crossovers can be independently adjusted
from 0 dB to -7.5 dB in 0.5 dB increments. The maximum attenuation level of -7.5 dB will compensate for
an approximate 4 dB difference in sound pressure level (SPL) between the tweeter and the mid-
range/woofer drivers. The sensitivity is adjusted using the HighPass[3:0] and LowPass[3:0] bits in the
Sensitivity register. Note that these bits affect the sensitivity of both channel 1 and channel 2 low- and
high-pass outputs.
The 2-way crossover can be enabled by setting the En2Way bit in the Volume Cfg register.
Input Sample Rate
32 kHz
44.1 kHz
48 kHz, 96 kHz
X-Over Freq 0
2.0 kHz
1.92 kHz
2.09 kHz
X-Over Freq 1
2.2 kHz
2.11 kHz
2.30 kHz
X-Over Freq 2
2.4 kHz
2.30 kHz
2.50 kHz
X-Over Freq 3
2.6 kHz
2.49 kHz
2.71 kHz
X-Over Freq 4
2.8 kHz
2.68 kHz
2.92 kHz
X-Over Freq 5
3.0 kHz
2.88 kHz
3.13 kHz
X-Over Freq 6
3.2 kHz
3.07 kHz
3.34 kHz
X-Over Freq 7
3.4 kHz
3.26 kHz
3.55 kHz
Table 5. 2-Way Cross-Over Frequencies
Referenced Control
Register Location
En2Way............................... “Enable 2-Way Crossover (En2Way)” on page 76
2WayFreq[2:0]..................... “2-Way Cross-Over Frequency (2WayFreq[2:0])” on page 76
HighPass[3:0]...................... “Channel 1 and Channel 2 High-Pass Sensitivity Adjust (HighPass[3:0])” on page 77
LowPass[3:0]....................... “Channel 1 and Channel 2 Low-Pass Sensitivity Adjust (LowPass[3:0])” on page 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com