Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 83 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 83 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 79Page - Cirrus Logic CS4525 Datasheet HTML 80Page - Cirrus Logic CS4525 Datasheet HTML 81Page - Cirrus Logic CS4525 Datasheet HTML 82Page - Cirrus Logic CS4525 Datasheet HTML 83Page - Cirrus Logic CS4525 Datasheet HTML 84Page - Cirrus Logic CS4525 Datasheet HTML 85Page - Cirrus Logic CS4525 Datasheet HTML 86Page - Cirrus Logic CS4525 Datasheet HTML 87Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 91 page
background image
DS726A1
83
CS4525
If this bit is set, indicating a channel over-range condition, and the ChOvflM bit is set, the INT pin will go
active. To determine the current overflow state of each channel, read the ChXOvflSt bits in the interrupt
status register.
9.19.4
Amplifier Error Interrupt Bit (AmpErr)
Default = 0
Function:
This bit is read only. When set, indicates that an error was detected in the power amplifier section since
the last read of this register. This interrupt bit is an edge-triggered event and will be cleared following a
read of this register. This bit is the logical OR of all the bits in the amplifier error status register. Read the
amplifier error status register to determine which condition occurred.
If this bit is set, indicating an amplifier stage error condition, and the AmpErrM bit is set to a ‘1’b, the INT
pin will go active. To determine the actual current state of the amplifier error condition, read the amplifier
error status register.
9.19.5
Mask Bit for SRC State (SRCLockM)
Default = 0
Function:
This bit serves as a mask for the SRC status interrupt source. If this bit is set, the SRCLock interrupt is
unmasked, meaning that if the SRCLock bit is set, the INT pin will go active. If the SRCLockM bit is
cleared, the SRCLock condition is masked, meaning that its occurrence will not affect the INT pin. How-
ever, the SRCLock and SRCLockSt bits will continue to reflect the lock status of the SRC.
9.19.6
Mask Bit for ADC Overflow (ADCOvflM)
Default = 0
Function:
This bit serves as a mask for the ADC overflow interrupt source. If this bit is set, the ADCOvfl interrupt is
unmasked, meaning that if the ADCOvfl bit is set, the INT pin will go active. If the ADCOvflM bit is cleared,
the ADCOvfl condition is masked, meaning that its occurrence will not affect the INT pin. However, the
ADCOvfl and ADCOvflSt bits will continue to reflect the overflow state of the ADC.
ChOvfl Setting
Channel Overflow Event Status
0 .......................................... A channel overflow condition has not occurred since last read of this register.
1 .......................................... A channel overflow condition has occurred since last read of this register.
AmpErr Setting
Amplifier Error Event Status
0 .......................................... An amplifier error condition has not occurred since last read of this register.
1 .......................................... An amplifier error condition has occurred since last read of this register.
SRCLockM Setting
SRCLock INT Pin Mask State
0 .......................................... SRCLock condition masked.
1 .......................................... SRCLock condition un-masked.
ADCOvflM Setting
ADCOvfl INT Pin Mask State
0 .......................................... ADCOvfl condition masked.
1 .......................................... ADCOvfl condition un-masked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com