Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 38Page - Cirrus Logic CS4525 Datasheet HTML 39Page - Cirrus Logic CS4525 Datasheet HTML 40Page - Cirrus Logic CS4525 Datasheet HTML 41Page - Cirrus Logic CS4525 Datasheet HTML 42Page - Cirrus Logic CS4525 Datasheet HTML 43Page - Cirrus Logic CS4525 Datasheet HTML 44Page - Cirrus Logic CS4525 Datasheet HTML 45Page - Cirrus Logic CS4525 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
42
DS726A1
CS4525
6.1.5
Auxiliary Serial Output
The CS4525 includes a stereo auxiliary serial output which allows an external device to leverage on its
internal signal processing and routing capabilities. The auxiliary serial output can receive its data from any
of the sources shown in the Digital Signal Flow diagram on page 29.
The supported output data routing configurations are shown in Table 6 below. By default, the serial port
is configured to output channels 1 and 2 on the auxiliary output data channels 1 and 2 respectively.
The data output on each channel is set by the LChDSel[1:0] and RChDSel[1:0] bits in the Aux Port Con-
figuration register. The auxiliary port can be enabled using the EnAuxPort bit in the same register. When
enabled, the port operates as a master and clocks out data in the format dictated by the AuxI²S/LJ bits.
When disabled, the AUX_LRCK, AUX_SCLK, and AUX_SDOUT pins continuously drive a logic ‘0’.
6.1.6
Serial Audio Delay & Warning Input Port
The CS4525 includes a configurable delay and warning port to allow easy system integration of external
lip-sync delay devices or warning inputs from external amplifiers. The port can be configured as a serial
audio delay interface, an external warning input port, or disabled by the DlyPortCfg[1:0] bits in the Aux
Config register. When disabled, the DLY_SDOUT and DLY_SDIN/EX_TWR pins become high-imped-
ance.
6.1.6.1
Serial Audio Delay Interface
Video processing and reproduction circuitry in digital video display devices can often introduce noticeably
more delay than is introduced by the device’s audio processing and reproduction circuitry. This can result
in a phenomenon known as lip-synch delay - a delay present between the video and audio content being
reproduced.
To help overcome this problem, the CS4525 delay and warning port can be configured as serial audio
delay interface. This interface consists of a serial audio input/output port to facilitate the use of an external
serial audio delay device. The port routes the serial data from the selected input source (the ADC or the
serial input port) out to an external serial audio delay device, and then back in to the CS4525 internal dig-
ital sound processing blocks. The delay serial audio interface signals include DLY_SDOUT and
DLY_SDIN/EX_TWR and are clocked from AUX_LRCK and AUX_SCLK. The serial data is output on the
DLY_SDOUT pin and input on the DLY_SDIN/EX_TWR in the format specified by the AuxI²S/LJ bits in
LChDSel[1:0]
Aux Left Channel Data
RChDSel[1:0]
Aux Right Channel Data
00
Channel A
00
Channel A
01
Channel B
01
Channel B
10
LFE Channel
10
LFE Channel
11
Channel B X-Over HPF
11
Channel B X-Over LPF
Table 6. Auxiliary Serial Port Data Output
Referenced Control
Register Location
EnAuxPort ........................... “Enable Aux Serial Port (EnAuxPort)” on page 67
LChDSel[1:0]....................... “Aux Serial Port Left Channel Data Select (LChDSel[1:0])” on page 68
RChDSel[1:0] ...................... “Aux Serial Port Right Channel Data Select (RChDSel[1:0])” on page 67
AuxI²S/LJ............................. “Aux/Delay Serial Port Digital Interface Format (AuxI²S/LJ)” on page 67
Referenced Control
Register Location
DlyPortCfg........................... “Delay & Warning Port Configuration (DlyPortCfg[1:0])” on page 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com