Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 43Page - Cirrus Logic CS4525 Datasheet HTML 44Page - Cirrus Logic CS4525 Datasheet HTML 45Page - Cirrus Logic CS4525 Datasheet HTML 46Page - Cirrus Logic CS4525 Datasheet HTML 47Page - Cirrus Logic CS4525 Datasheet HTML 48Page - Cirrus Logic CS4525 Datasheet HTML 49Page - Cirrus Logic CS4525 Datasheet HTML 50Page - Cirrus Logic CS4525 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
DS726A1
47
CS4525
6.1.7.5
PWM AM Frequency Shift
When using a PWM amplifier in a system containing an AM tuner, it is possible that the PWM switch rate
conflicts with the desired tuning frequency of the AM tuner. To overcome this effect, the CS4525 includes
PWM switch rate shift feature.
The feature adjusts the PWM switching frequency and quantization levels to remove interference when
the desired tuning frequency of an AM tuner is positioned near the PWM switching rate. This feature is
enabled by setting the FreqShift bit in the Clock Config register. When this feature is enabled, the output
switch rate is lowered and the quantization levels are increased as shown in Table 9 below.
The nominal PWM switching frequencies and quantization levels are discussed in “PWM Modulators and
Sample Rate Converters” on page 53.
6.1.8
Headphone Detection & Hardware Mute Input
The CS4525 includes a configurable HP_DETECT/MUTE input pin which can be used as a hardware
mute input or a headphone detection input. The function of this pin is set by the HP/Mute bit in the Clock
Config register.
When configured as a mute input pin, all PWM modulators and the AUX_SDOUT signal will be placed in
a mute state when the pin is active.
When configured as a headphone detect input pin and the HP_DETECT/MUTE input is active, the
PWM_SIG1 and PWM_SIG2 output pins will output audio from channel 1 and channel 2 respectively re-
gardless of the setting of the PWMDSel[1:0] bits; see “PWM_SIG Logic-Level Output Configurations” on
page 44 for more information. The OUT1 - OUT4 PWM driver outputs will mute by outputting a non-mod-
ulated 50% duty cycle signal. If the Ch1Mix[1:0] bits are configured for a mono mix on channel 1, the mix
will be disabled and channel 1 will be output on PWM_SIG1 while the headphone detect input signal is
active; see “Channel Mixer” on page 30 for more information. If the bass manager is enabled, it will be
automatically disabled while the headphone detect input signal is active; see “Bass Management” on
page 35 for more information.
When configured as a headphone detect input pin and the input is inactive, the OUT1 - OUT4 driver out-
puts will output audio according to the channel mixer and bass manager registers settings, and the
PWM_SIG output pins will mute by outputting a non-modulated 50% duty cycle.
In both configurations, the active logic input level is determined by the HP/MutePol bit.
Supplied XTAL or
SYS_CLK Frequency
PWM Switch Rate
Quantization Levels
18.432 MHz
329.143 kHz
56
24.576 MHz
341.300 kHz
72
27.000 MHz
375 kHz
72
Table 9. PWM Output Switching Rates and Quantization Levels
Referenced Control
Register Location
FreqShift.............................. “AM Frequency Shifting (FreqShift)” on page 65
Referenced Control
Register Location
HP/Mute .............................. “HP_Detect/Mute Pin Mode (HP/Mute)” on page 65
HP/MutePol ......................... “HP_Detect/Mute Pin Active Logic Level (HP/MutePol)” on page 65
PWMDSel[1:0]..................... “PWM Signals Output Data Select (PWMDSel[1:0])” on page 68



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com