Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 80 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 80 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 76Page - Cirrus Logic CS4525 Datasheet HTML 77Page - Cirrus Logic CS4525 Datasheet HTML 78Page - Cirrus Logic CS4525 Datasheet HTML 79Page - Cirrus Logic CS4525 Datasheet HTML 80Page - Cirrus Logic CS4525 Datasheet HTML 81Page - Cirrus Logic CS4525 Datasheet HTML 82Page - Cirrus Logic CS4525 Datasheet HTML 83Page - Cirrus Logic CS4525 Datasheet HTML 84Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 91 page
background image
80
DS726A1
CS4525
limiter will limit the maximum signal amplitude to prevent clipping on all channels in response to any single
channel indicating clipping. See “Peak Signal Limiter” on page 37 for more information.
9.15.4
Peak Detect and Limiter Enable (EnLimiter)
Default = 0
Function:
Limits the maximum signal amplitude to prevent clipping when this function is enabled. Peak signal limit-
ing is performed by digital attenuation.
9.16
Limiter Configuration 2 (Address 5Dh)
9.16.1
Limiter Release Rate (RRate[5:0])
Default = 000000
Function:
Sets the rate at which the limiter releases the digital attenuation from levels below the minimum setting in
the limiter threshold register.
The limiter release rate is a function of the sampling frequency, Fs, and the soft and zero cross setting.
9.17
Limiter Configuration 3 (Address 5Eh)
9.17.1
Limiter Attack Rate (ARate[5:0])
Default = 000000
Function:
Sets the rate at which the limiter attenuates the analog output from levels above the maximum setting in
the limiter threshold register. The limiter attack rate is a function of the sampling frequency, Fs, and the
soft and zero cross setting.
LimitAll Setting
Limit All Channels Configuration
0 .......................................... Only individual channels affected by any limiter event.
1 .......................................... All channels affected by any limiter event.
EnLimiter Setting
Peak Signal Limiter State
0 .......................................... Peak signal limiter disabled.
1 .......................................... Peak signal limiter enabled.
76
543
21
0
Reserved
Reserved
RRate5
RRate4
RRate3
RRate2
RRate1
RRate0
RRate[5:0] Setting
Limiter Release Rate
00000 .................................. Fastest release.
...................................
11111.................................... Slowest release.
76
543
21
0
Reserved
Reserved
ARate5
ARate4
ARate3
ARate2
ARate1
ARate0
ARate[5:0] Setting
Limiter Attack Rate
00000 .................................. Fastest attack.
...................................
11111.................................... Slowest attack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com