Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 24Page - Cirrus Logic CS4525 Datasheet HTML 25Page - Cirrus Logic CS4525 Datasheet HTML 26Page - Cirrus Logic CS4525 Datasheet HTML 27Page - Cirrus Logic CS4525 Datasheet HTML 28Page - Cirrus Logic CS4525 Datasheet HTML 29Page - Cirrus Logic CS4525 Datasheet HTML 30Page - Cirrus Logic CS4525 Datasheet HTML 31Page - Cirrus Logic CS4525 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
28
DS726A1
CS4525
6.1.2
Power-Up and Power-Down
The CS4525 will remain in a completely powered-down state with the control port inaccessible until the
RST pin is brought high. Once RST is high, the control port will be accessible, but all other internal blocks
will remain powered-down until they are powered-up via the control port or until hardware mode is en-
tered.
When an external crystal is present on the XTI/XTO pins, software mode will be automatically entered
10 ms after the release of RST. If SYS_CLK is used as an input, software mode is entered by writing to
the control port within 10 ms after the release of RST. If the control port is not written within this time, the
device will begin to operate in hardware mode.
6.1.2.1
Recommended Power-Up Sequence
1.
Hold RST low until the power supplies and the input SYS_CLK (if used) are stable.
2.
Bring RST high.
The device will remain in a low-power state and the control port will be accessible. The device will
automatically enter software mode after 10 ms if an external crystal is present on the XTI/XTO pins,
at which time the output SYS_CLK signal will become active.
3.
If SYS_CLK is used as an input, initiate a control port write to set the PDnAll bit in register 5Fh within
10 ms following the release of RST.
This operation causes the device to enter software mode and places it in power-down mode.
4.
If the LVD pin is tied low and VD is connected to 2.5 V, clear the SelectVD bit in the Power Ctrl register
to indicate the 2.5 V VD supply level.
5.
The desired register settings can be loaded while keeping the PDnAll bit set.
6.
Clear the PDnAll bit to initiate the power-up sequence.
6.1.2.2
Recommended Power-Down Sequence
1.
Set the PDnAll bit to power-down the device while eliminating audible pops.
2.
Bring RST low to bring the device’s power consumption to an absolute minimum.
3.
Remove power.
6.1.3
Input Source Selection
The CS4525 can accept analog or digital audio input signals. Digital audio input signals are supplied
through the serial audio input port as outlined in “Serial Audio Interfaces” on page 57. Analog audio input
signals are supplied through the internal ADC as outlined in “Analog Inputs” on page 56. The input source
is selected by the ADC/SP bit in the Input Config register.
In software mode, the serial audio input port supports I²S, Left-Justified and Right-Justified data formats.
The serial audio input port digital interface format is configured by the DIF[2:0] bits in the Input Config reg-
ister.
The CS4525 internal ADC includes a dedicated high-pass filter to remove any DC content from the ADC
output signal prior to the internal ADC/serial audio input port input multiplexor. This high-pass filter can be
bypassed by clearing the EnAnHPF bit.
Referenced Control
Register Location
PDnAll ................................. “Power Down (PDnAll)” on page 81
LVD ..................................... “Select VD Level (SelectVD)” on page 81
Referenced Control
Register Location
ADC/SP............................... “Input Source Selection (ADC/SP)” on page 66
DIF[2:0] ............................... “Input Serial Port Digital Interface Format (DIF [2:0])” on page 66
EnAnHPF ............................ “ADC High-Pass Filter Enable (EnAnHPF)” on page 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com