Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 76 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 76 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 72Page - Cirrus Logic CS4525 Datasheet HTML 73Page - Cirrus Logic CS4525 Datasheet HTML 74Page - Cirrus Logic CS4525 Datasheet HTML 75Page - Cirrus Logic CS4525 Datasheet HTML 76Page - Cirrus Logic CS4525 Datasheet HTML 77Page - Cirrus Logic CS4525 Datasheet HTML 78Page - Cirrus Logic CS4525 Datasheet HTML 79Page - Cirrus Logic CS4525 Datasheet HTML 80Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 91 page
background image
76
DS726A1
CS4525
9.10.4
Enable 2-Way Crossover (En2Way)
Default = 0
Function:
Enables the 2-way crossover filters for channel 1 and channel 2.
9.10.5
2-Way Cross-Over Frequency (2WayFreq[2:0])
Default = 000
Function:
Selects the cross-over frequency for the 2-Way Linkwitz-Riley filters.
9.11
Channel 1-2: 2-Way Sensitivity Control (Address 56h)
9.11.1
Channel 1 and Channel 2 Low-Pass Sensitivity Adjust (LowPass[3:0])
Default = 0000
Function:
Controls the 2-way cross-over low-pass sensitivity adjustment. See “2-Way Crossover & Sensitivity Con-
trol” on page 41 for more information.
En2Way Setting
2-Way Crossover State
0 .......................................... 2-way crossover disabled.
1 .......................................... 2-way crossover enabled.
2WayFreq Setting
2-Way Crossover Frequency
000 ...................................... Selects X-Over Freq 0 - Approximately 2.0 kHz
001 ...................................... Selects X-Over Freq 1 - Approximately 2.2 kHz
010 ...................................... Selects X-Over Freq 2 - Approximately 2.4 kHz
011....................................... Selects X-Over Freq 3 - Approximately 2.6 kHz
100 ...................................... Selects X-Over Freq 4 - Approximately 2.8 kHz
101 ...................................... Selects X-Over Freq 5 - Approximately 3.0 kHz
110....................................... Selects X-Over Freq 6 - Approximately 3.2 kHz
111 ....................................... Selects X-Over Freq 7 - Approximately 3.4 kHz
76
543
21
0
LowPass3
LowPass2
LowPass1
LowPass0
HighPass3
HighPass2
HighPass1
HighPass0
LowPass[3:0] Setting
Sensitivity Compensation Level
0000 .................................... 0.0 dB
0001 .................................... -0.5 dB
0010 .................................... -1.0 dB
.....................................
1000 .................................... -4.0 dB
.....................................
1110 ..................................... -7.0 dB
1111 ..................................... -7.5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com