Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 73 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 73 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 69Page - Cirrus Logic CS4525 Datasheet HTML 70Page - Cirrus Logic CS4525 Datasheet HTML 71Page - Cirrus Logic CS4525 Datasheet HTML 72Page - Cirrus Logic CS4525 Datasheet HTML 73Page - Cirrus Logic CS4525 Datasheet HTML 74Page - Cirrus Logic CS4525 Datasheet HTML 75Page - Cirrus Logic CS4525 Datasheet HTML 76Page - Cirrus Logic CS4525 Datasheet HTML 77Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 91 page
background image
DS726A1
73
CS4525
9.8.2
Bass Gain Level (Bass[3:0])
Default = 1000
Function:
Sets the gain/attenuation level of the bass shelving filter. The level can be adjusted in 1.5 dB increments
from +12.0 to -10.5 dB.
9.9
2.1 Bass Manager/Parametric EQ Control (Address 09h)
9.9.1
Freeze Controls (Freeze)
Default = 0
Function:
This function will freeze the previous output of, and allow modifications to be made to the master volume
control (address 57h), channel X volume control (address 58h - 5Ah), and bi-quad coefficients for
channel 1, channel 2 and channel 3 (address 0Ah - 54h) registers without the changes taking effect until
the Freeze bit is disabled. To make multiple changes in these control port registers take effect simulta-
neously, enable the Freeze bit, make all register changes, then disable the Freeze bit.
9.9.2
Bass Cross-Over Frequency (BassMgr[2:0])
Default = 000
Function:
Controls the operation and cross-over frequency of the bass manager. See “Bass Management” on
page 35 for more information.
Bass[3:0] Setting
Bass Shelving Filter Gain/Attenuation
0000 .................................... +12 dB
0001 .................................... +10.5 dB
.....................................
1000 .................................... 0 dB
.....................................
1110 ..................................... -9.0 dB
1111 ..................................... -10.5 dB
7
6
5
432
10
Freeze
Reserved
BassMgr2
BassMgr1
BassMgr0
EnLFEPEq
EnChBPEq
EnChAPEq
Freeze Setting
Register Freeze State
0 .......................................... Register freeze disabled.
1 .......................................... Register freeze enabled.
BassMgr[2:0] Setting
Bass Manager Crossover Setting
000 ...................................... Bass manager disabled.
001 ...................................... Selects Bass Manager Frequency 1 - Approximately 80 Hz
010 ...................................... Selects Bass Manager Frequency 2 - Approximately 120 Hz
011....................................... Selects Bass Manager Frequency 3 - Approximately 160 Hz
100 ...................................... Selects Bass Manager Frequency 4 - Approximately 200 Hz
101 ...................................... Selects Bass Manager Frequency 5 - Approximately 240 Hz
110....................................... Selects Bass Manager Frequency 6 - Approximately 280 Hz
111 ....................................... Selects Bass Manager Frequency 7 - Approximately 320 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com