Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 57 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 57 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 53Page - Cirrus Logic CS4525 Datasheet HTML 54Page - Cirrus Logic CS4525 Datasheet HTML 55Page - Cirrus Logic CS4525 Datasheet HTML 56Page - Cirrus Logic CS4525 Datasheet HTML 57Page - Cirrus Logic CS4525 Datasheet HTML 58Page - Cirrus Logic CS4525 Datasheet HTML 59Page - Cirrus Logic CS4525 Datasheet HTML 60Page - Cirrus Logic CS4525 Datasheet HTML 61Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
DS726A1
57
CS4525
6.6
Serial Audio Interfaces
The CS4525 interfaces to external digital audio devices via the serial audio input port and the auxiliary/delay
serial ports.
The serial audio input port provides support for I²S, Left-Justified and Right-Justified data formats and op-
erates in slave mode only, with LRCK and SCLK as inputs. The input LRCK signal must be equal to the
sample rate, Fs and must be synchronous to the serial bit clock, SCLK, which is used to sample the data
bits.
The auxiliary/delay serial port (available in software mode only) supports I²S and Left-Justified data formats
and operates in master mode, with AUX_LRCK and AUX_SCLK as outputs.
Each of the supported formats is described in detail in sections 6.6.1 - 6.6.3 below.
For additional information, application note AN282 presents a tutorial of the 2-channel serial audio interface.
AN282 can be downloaded from the Cirrus Logic web site at http://www.cirrus.com.
6.6.1
I²S Data Format
In I²S format, data is received most significant bit first one SCLK delay after the transition of LRCK and is
valid on the rising edge of SCLK. The left channel data is presented when LRCK is low; the right channel
data is presented when LRCK is high.
6.6.2
Left-Justified Data Format
In Left-Justified format, data is received most significant bit first on the first SCLK after a LRCK transition
and is valid on the rising edge of SCLK. The left channel data is presented when LRCK is high and the
right channel data is presented when LRCK is low.
Left Channel
Right Channel
SDIN
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
MSB
MSB
LSB
LSB
LRCK
SCLK
I²S Mode, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rates
16
32, 48, 64, 128 Fs
18 to 24
48, 64, 128 Fs
Figure 29. I²S Serial Audio Formats
LRCK
SCLK
Left Channel
Right Channel
SDIN
+3 +2 +1
+5 +4
-1 -2 -3 -4 -5
+3 +2 +1
+5 +4
-1 -2 -3 -4
MSB
LSB
MSB
LSB
Left-Justified Mode, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
16
32, 48, 64, 128 Fs
18 to 24
48, 64, 128 Fs
Figure 30. Left-Justified Serial Audio Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com