Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 64 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 64 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 60Page - Cirrus Logic CS4525 Datasheet HTML 61Page - Cirrus Logic CS4525 Datasheet HTML 62Page - Cirrus Logic CS4525 Datasheet HTML 63Page - Cirrus Logic CS4525 Datasheet HTML 64Page - Cirrus Logic CS4525 Datasheet HTML 65Page - Cirrus Logic CS4525 Datasheet HTML 66Page - Cirrus Logic CS4525 Datasheet HTML 67Page - Cirrus Logic CS4525 Datasheet HTML 68Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 91 page
background image
64
DS726A1
CS4525
9. REGISTER DESCRIPTIONS
All registers are read/write unless otherwise stated. All “Reserved” bits must maintain their default state.
9.1
Clock Configuration (Address 01h)
9.1.1
SYS_CLK Output Enable (EnSysClk)
Default = 1
Function:
This bit controls the output driver for the SYS_CLK signal. When cleared, the output driver is disabled and
the SYS_CLK pin is high-impedance. When set, the output driver is enabled.
If the SYS_CLK output is unused, this bit should be set to ‘0’b to disable the driver.
9.1.2
SYS_CLK Output Divider (DivSysClk)
Default = 0
Function:
This bit determines the divider for the XTAL clock signal for generating the SYS_CLK signal.
This divider is only available if the clock source is an external crystal attached to XTI/XTO and the
SYS_CLK output is enabled.
9.1.3
Clock Frequency (ClkFreq[1:0])
Default = 01
Function:
These bits must be set to identify the nominal clock frequency of the crystal attached to the XTI/XTO pins
or that of the input SYS_CLK signal. See the XTI Switching Specifications table on page 23 and the
SYS_CLK Switching Specifications table on page 23 for complete input frequency range specifications.
76543210
EnSysClk
DivSysClk
ClkFreq1
ClkFreq0
HP/MutePol
HP/Mute
PhaseShift
FreqShift
EnSysClk Setting
Output Driver State
0 .......................................... Output driver disabled.
1 .......................................... Output driver enabled.
DivSysClk Setting
SYS_CLK Output Frequency
0 .......................................... FSYS_CLK =FXTAL
1 .......................................... FSYS_CLK =FXTAL/2
ClkFreq[1:0] Setting
Specified Nominal Input Clock Frequency
00 ........................................ 18.432 MHz
01 ........................................ 24.576 MHz
10 ........................................ 27.000 MHz
11......................................... Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com