Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 67 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 67 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 63Page - Cirrus Logic CS4525 Datasheet HTML 64Page - Cirrus Logic CS4525 Datasheet HTML 65Page - Cirrus Logic CS4525 Datasheet HTML 66Page - Cirrus Logic CS4525 Datasheet HTML 67Page - Cirrus Logic CS4525 Datasheet HTML 68Page - Cirrus Logic CS4525 Datasheet HTML 69Page - Cirrus Logic CS4525 Datasheet HTML 70Page - Cirrus Logic CS4525 Datasheet HTML 71Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
DS726A1
67
CS4525
9.3
AUX Port Configuration (Address 03h)
9.3.1
Enable Aux Serial Port (EnAuxPort)
Default = 0
Function:
Controls the operation of the auxiliary serial port.
9.3.2
Delay & Warning Port Configuration (DlyPortCfg[1:0])
Default = 00
Function:
Controls the operation of the delay and warning port. See “Serial Audio Delay & Warning Input Port” on
page 42 for more information.
9.3.3
Aux/Delay Serial Port Digital Interface Format (AuxI²S/LJ)
Default = 0
Function:
Selects the serial audio interface format for the data on AUX_SDOUT, DLY_SDIN, DLY_SDOUT. The re-
quired relationship between the Left/Right clock, serial clock and serial data is defined by the Digital In-
terface Format and the options are detailed in the “Serial Audio Interfaces” on page 57.
9.3.4
Aux Serial Port Right Channel Data Select (RChDSel[1:0])
Default = 01
Function:
Selects the data to be sent over the right channel of the auxiliary port serial data output signal.
7
6
5
432
10
EnAuxPort
DlyPortCfg1
DlyPortCfg0
AuxI²S/LJ
RChDSel1
RChDSel0
LChDSel1
LChDSel0
EnAuxPort Setting
Auxiliary Port State
0 .......................................... Auxiliary port disabled.
1 .......................................... Auxiliary port enabled.
DlyPortCfg[1:0] Setting
Delay Port Configuration
00 ........................................ Port disabled.
01 ........................................ Port configured as serial audio delay interface.
10 ........................................ Port configured as an external thermal warning indicator for the foldback algorithm.
11......................................... Port disabled.
AuxI²S/LJ Setting
Auxiliary/Delay Port Serial Audio Interface Format
0 .......................................... Left-Justified, up to 24-bit.
1 .......................................... I²S, up to 24-bit.
RChDSel[1:0] Setting
Aux Serial Port Right Channel Output Data Source
00 ........................................ Channel A.
01 ........................................ Channel B.
10 ........................................ LFE Channel.
11......................................... Channel B crossover low-pass output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com