Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 63 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 63 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 59Page - Cirrus Logic CS4525 Datasheet HTML 60Page - Cirrus Logic CS4525 Datasheet HTML 61Page - Cirrus Logic CS4525 Datasheet HTML 62Page - Cirrus Logic CS4525 Datasheet HTML 63Page - Cirrus Logic CS4525 Datasheet HTML 64Page - Cirrus Logic CS4525 Datasheet HTML 65Page - Cirrus Logic CS4525 Datasheet HTML 66Page - Cirrus Logic CS4525 Datasheet HTML 67Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
DS726A1
63
CS4525
55h Volume Cfg
SZCMode1 SZCMode0
Mute50/50
AutoMute
En2Way
2WayFreq2 2WayFreq1 2WayFreq0
page 75
1
0010
000
56h Sensitivity
LowPass3
LowPass2
LowPass1
LowPass0
HighPass3
HighPass2
HighPass1
HighPass0
page 76
0
0000
000
57h Master Vol
MVol7
MVol6
MVol5
MVol4
MVol3
MVol2
MVol1
MVol0
page 77
0
0110
000
58h Ch 1 Vol
Ch1Vol7
Ch1Vol6
Ch1Vol5
Ch1Vol4
Ch1Vol3
Ch1Vol2
Ch1Vol1
Ch1Vol0
page 78
0
0110
000
59h Ch 2 Vol
Ch2Vol7
Ch2Vol6
Ch2Vol5
Ch2Vol4
Ch2Vol3
Ch2Vol2
Ch2Vol1
Ch2Vol0
page 78
0
0110
000
5Ah Ch 3 Vol
Ch3Vol7
Ch3Vol6
Ch3Vol5
Ch3Vol4
Ch3Vol3
Ch3Vol2
Ch3Vol1
Ch3Vol0
page 78
0
0110
000
5Bh Mute Control
InvADC
InvCh3
InvCh2
InvCh1
MuteADC
MuteCh3
MuteCh2
MuteCh1
page 78
0
0000
000
5Ch Limiter Cfg 1
Max2
Max1
Max0
Min2
Min1
Min0
LimitAll
EnLimiter
page 79
0
0000
010
5Dh Limiter Cfg 2
Reserved
Reserved
RRate5
RRate4
RRate3
RRate2
RRate1
RRate0
page 80
0
0111
111
5Eh Limiter Cfg 3
Reserved
Reserved
ARate5
ARate4
ARate3
ARate2
ARate1
ARate0
page 80
0
0000
000
5Fh Power Ctrl
Reserved
Reserved
SelectVD
PDnADC
PDnOut3/4
PDnOut2
PDnOut1
PDnAll
page 81
0
1111
111
60h Interrupt
SRCLock
ADCOvfl
ChOvfl
AmpErr
SRCLockM
ADCOvflM
ChOvflM
AmpErrM
page 82
x
xxx
0
0
0
0
61h Int Status
SRCLockSt
ADCOvflSt
Ch3OvflSt
Ch2OvflSt
Ch1OvflSt
RampDone
Reserved
Reserved
page 84
x
xxx
xx
0
0
62h Amp Error
OverCurr4
OverCurr3
OverCurr2
OverCurr1
ExtAmpSt
UnderV
ThermErr
ThermWarn
page 85
x
xxx
xxxx
63h Device ID
DeviceID4
DeviceID3
DeviceID2
DeviceID1
DeviceID0
RevID2
RevID1
RevID0
page 87
1
1000
x
x
x
Adr
Name
7654
3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com