Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 41Page - Cirrus Logic CS4525 Datasheet HTML 42Page - Cirrus Logic CS4525 Datasheet HTML 43Page - Cirrus Logic CS4525 Datasheet HTML 44Page - Cirrus Logic CS4525 Datasheet HTML 45Page - Cirrus Logic CS4525 Datasheet HTML 46Page - Cirrus Logic CS4525 Datasheet HTML 47Page - Cirrus Logic CS4525 Datasheet HTML 48Page - Cirrus Logic CS4525 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
DS726A1
45
CS4525
6.1.7.3
PWM PopGuard Transient Control
The CS4525 uses PopGuard technology to minimize the effects of power-up and power-down output tran-
sients commonly produced by half-bridge, single supply amplifiers implemented with external DC-block-
ing capacitors connected in series with the audio outputs.
PWM PopGuard operates by linearly ramping the PWM power outputs up to and down from their bias
point of VP/2 when a channel is powered up and down respectively using the PDnOutX or PDnAll bits.
This gradual voltage ramp minimizes output transients while the DC blocking capacitor is charged and
discharged.
The PWM PopGuard output ramp time can be varied from approximately 0.70 seconds to approximately
0.85 seconds and can be completely disabled via the RmpSpeed[1:0] bits in the Foldback Cfg register.
All output channels are affected by the RmpSpeed[1:0] bits, and PWM PopGuard is disabled by default.
Referenced Control
Register Location
RmpSpeed[1:0] ................... “Ramp Speed (RmpSpd[1:0])” on page 70
PDnAll ................................. “Power Down (PDnAll)” on page 81
PDnOutX ............................. “Power Down PWM Power Output X (PDnOutX)” on page 81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com