Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 7Page - Cirrus Logic CS4525 Datasheet HTML 8Page - Cirrus Logic CS4525 Datasheet HTML 9Page - Cirrus Logic CS4525 Datasheet HTML 10Page - Cirrus Logic CS4525 Datasheet HTML 11Page - Cirrus Logic CS4525 Datasheet HTML 12Page - Cirrus Logic CS4525 Datasheet HTML 13Page - Cirrus Logic CS4525 Datasheet HTML 14Page - Cirrus Logic CS4525 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
DS726A1
11
CS4525
LVD
9
VD Voltage Level Indicator (Input) - Identifies the voltage level attached to VD. When applying
5.0 V to VD, LVD must be connected to VD. When applying 2.5 V or 3.3 V to VD, LVD must be con-
nected to DGND.
DGND
10
Digital Ground (Input) - Ground for the internal logic and I/O.
VD_REG
11
Core Logic Power (Output) - Internally generated low voltage power supply for digital logic.
VD
12
Digital Power (Input) - Positive power supply for the internal regulators and digital I/O.
VA_REG
13
Analog Power (Output) - Internally generated positive power for the analog section and I/O.
AGND
14
Analog Ground (Input) - Ground reference for the internal analog section and I/O.
FILT+
15
Positive Voltage Reference (Output) - Positive reference voltage for the internal ADC sampling
circuits.
VQ
16
Common Mode Voltage (Output) - Filter connection for internal common mode voltage.
AFILTL
AFILTR
17
18
Antialias Filter Connection (Output) - Antialias filter connection for ADC inputs.
AINL
AINR
19
20
Analog Input (Input) - The full-scale input level is specified in the ADC Analog Characteristics
specification table.
OCREF
21
Over Current Reference Setting (Input) - Sets the reference for over current detection.
PGND
22,23
27,28
33,34
37,38
Power Ground (Input) - Ground for the individual output power half-bridge devices.
RAMP_CAP
24
Output Ramp Capacitor (Input) - Used for shaping the output ramp time for half-bridge configured
outputs.
VP
25,30,
31,36
High Voltage Power (Input) - High voltage power supply for the individual half-bridge devices.
OUT4
OUT3
OUT2
OUT1
26
29
32
35
PWM Output (Output) - Amplified PWM power outputs.
PWM_SIG2
PWM_SIG1
39
40
PWM Output (Output) - PWM switching signals.
TWR
41
Thermal Warning Output (Output) - Thermal warning output.
ERRUVTE
42
Thermal and Undervoltage Error Output (Output) - Error flag for thermal shutdown and under-
voltage.
ERROC
43
Overcurrent Error Output (Output) - Overcurrent error flag.
EN_TFB
44
Enable Thermal Feedback (Input) - Enables the thermal foldback feature when high.
I2S/LJ
45
I²S/Left Justified (Input) - Selects between I²S and Left-Justified data format for the serial input
and output ports. Selects I²S when high and LJ when low.
SYS_CLK
46
System Clock (Input/Output) -Clock source for the delta-sigma modulators.
TSTO
47
Test Output (Output) - This pin is an output used for the crystal oscillator driver available only in
software mode. It must be left unconnected for normal hardware mode operation.
TSTI
48
Test Input (Input) - This pin is an input used for the crystal oscillator driver available only in soft-
ware mode. It must be tied to digital ground for normal hardware mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com