Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 49Page - Cirrus Logic CS4525 Datasheet HTML 50Page - Cirrus Logic CS4525 Datasheet HTML 51Page - Cirrus Logic CS4525 Datasheet HTML 52Page - Cirrus Logic CS4525 Datasheet HTML 53Page - Cirrus Logic CS4525 Datasheet HTML 54Page - Cirrus Logic CS4525 Datasheet HTML 55Page - Cirrus Logic CS4525 Datasheet HTML 56Page - Cirrus Logic CS4525 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
DS726A1
53
CS4525
6.2.7
Automatic Power Stage Shut-Down
To protect itself from permanent damage, the CS4525 will automatically shut down its internal PWM pow-
er output stages when a thermal error, PWM power output over-current error, or VP under-voltage condi-
tion occurs. In the shut-down state, all digital functions of the device will operate as normal, however the
PWM power output pins become high-impedance.
The levels of the over-current error, thermal error, and VP under-voltage trip points are listed in the PWM
Power Output Characteristics table on page 20. Automatic shut-down will occur whenever any of these
preset thresholds are crossed.
Once in the shut-down state, the RST signal must be toggled low and then high to resume normal device
operation.
6.3
PWM Modulators and Sample Rate Converters
The CS4525 includes 3 pairs of PWM modulators and sample rate converters, each clocked from the ex-
ternal crystal or system clock applied at power-up. All 3 modulator and sample rate converter pairs are avail-
able in software mode (see Figure 14 on page 29), and 2 pairs are used in hardware mode (see Figure 23
on page 51).
One of the characteristics of a PWM modulator is that the frequency content of the out-of-band noise gen-
erated is dependent on the PWM switching frequency. As the power stage external LC and snubber filter
component values are used to attenuate this out-of band energy, their component values are also based on
this switching frequency.
To easily accommodate input sample rates ranging from 32 kHz to 96 kHz without requiring the adjustment
of output filter component values, the CS4525 utilizes a sample rate converter (SRC) to keep the PWM
switching frequency fixed regardless of the input sample rate. The SRC operates by upsampling the variable
input sample rate to a fixed output switching rate, typically 384 kHz for most audio applications. Table 14
below shows the PWM output switching rate and quantization levels as a function of the supplied external
crystal or system clock.
Additionally, as the output of the SRC is clocked from a very stable crystal or oscillator, the SRC also allows
the PWM modulator output to be independent of the input serial audio clock jitter. This results in very low
jitter PWM output and higher dynamic range.
Supplied XTAL or
SYS_CLK Frequency
PWM Switch Rate
Quantization Levels
18.432 MHz
384 kHz
48
24.576 MHz
384 kHz
64
27.000 MHz
421.875 kHz
64
Table 14. PWM Output Switching Rates and Quantization Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com