Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 14Page - Cirrus Logic CS4525 Datasheet HTML 15Page - Cirrus Logic CS4525 Datasheet HTML 16Page - Cirrus Logic CS4525 Datasheet HTML 17Page - Cirrus Logic CS4525 Datasheet HTML 18Page - Cirrus Logic CS4525 Datasheet HTML 19Page - Cirrus Logic CS4525 Datasheet HTML 20Page - Cirrus Logic CS4525 Datasheet HTML 21Page - Cirrus Logic CS4525 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 91 page
background image
18
DS726A1
CS4525
5. CHARACTERISTIC AND SPECIFICATION TABLES
(All Min/Max characteristics and specifications are guaranteed over the Specified Operating Conditions. Typical
performance characteristics and specifications are derived from measurements taken at nominal supply voltages
and TA = 25° C.)
SPECIFIED OPERATING CONDITIONS
(AGND = DGND=PGND=0 V, all voltages with respect to ground.)
ABSOLUTE MAXIMUM RATINGS
(AGND = DGND = PGND = 0 V; all voltages with respect to ground.)
Notes:
1.
Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
2.
Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins will not cause
SCR latch-up.
3.
The maximum over/under voltage is limited by the input current.
Parameters
Symbol
Min
Nom
Max
Units
DC Power Supply
Digital and Analog Core
VD
2.375
2.5
2.625
V
VD
3.135
3.3
3.465
V
VD
4.75
5.0
5.25
V
Amplifier Outputs
VP
10.5
-
18.0
V
Temperature
Ambient Temperature
Commercial
TA
-10
-
+70
°C
Junction Temperature
TJ
-
+150
°C
Parameters
Symbol
Min
Max
Units
DC Power Supply
PWM Outputs
Digital and Analog Core
VP
VD
-0.3
-0.3
20.0
6.0
V
V
Input Current
(Note 2)Iin
-±10
mA
Analog Input Voltage
(Note 3)VINA
AGND-0.7
VA_REG + 0.7
V
Digital Input Voltage
(Note 3)VIND
-0.3
VD + 0.4
V
Ambient Operating Temperature - Power Applied
Commercial
TA
-20
+85
°C
Storage Temperature
Tstg
-65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com