Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 40Page - Cirrus Logic CS4525 Datasheet HTML 41Page - Cirrus Logic CS4525 Datasheet HTML 42Page - Cirrus Logic CS4525 Datasheet HTML 43Page - Cirrus Logic CS4525 Datasheet HTML 44Page - Cirrus Logic CS4525 Datasheet HTML 45Page - Cirrus Logic CS4525 Datasheet HTML 46Page - Cirrus Logic CS4525 Datasheet HTML 47Page - Cirrus Logic CS4525 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 91 page
background image
44
DS726A1
CS4525
The configurations are selected by the OutputCfg[1:0] bits in the Output Cfg register and must only be
changed when the device is in power-down mode (the PDnAll bit is set). Any attempt to write the Out-
putCfg[1:0] bits while the device is powered-up will be ignored.
It should be noted that signal on channels 1, 2, and 3 is dependent upon the digital sound processing
blocks being used. For instance, if the 2-way crossover is enabled, channel 1 and 2 contain the 2-way
crossover channel A high- and low-pass outputs respectively. For more information, see the Digital Sound
Processing section and Figure 14 on page 29.
6.1.7.2
PWM_SIG Logic-Level Output Configurations
Four channel mapping output configurations are supported for the PWM_SIG output pins as shown in
Table 8 below. The configurations support stereo, channel 1 with LFE, and channel 2 with LFE. When
disabled, the PWM_SIG pins continuously drive a logic ‘0’. The configurations are selected by the PW-
MDSel[1:0] bits in the Output Cfg register
To allow stereo headphone operation when the PWM logic-level outputs are mapped in a non-stereo out-
put configuration, if the HP_DETECT/MUTE pin is configured for headphone detection (the HP/Mute bit
is set), the PWM logic-level output mapping is affected by the active state of the headphone detection in-
put signal. In this configuration, the PWM_SIG1 and PWM_SIG2 output pins will output audio from
channel 1 and channel 2 respectively regardless of the setting of the PWMDSel[1:0] bits when the head-
phone detection input is active. When the headphone detection input signal becomes inactive, the PWM
logic-level outputs will be automatically reconfigured to the channel mapping dictated by the PWMD-
Sel[1:0] bits. See the Headphone Detection & Hardware Mute Input section on page 47 for more informa-
tion.
It should be noted that signal on channels 1, 2, and 3 is dependent upon the digital sound processing
blocks being used. For instance, if the 2-way crossover is enabled, channel 1 and 2 contain the 2-way
crossover channel A high- and low-pass outputs respectively. For more information, see the Digital Sound
Processing section and Figure 14 on page 29.
Referenced Control
Register Location
OutputCfg[1:0]..................... “Output Configuration (OutputCfg[1:0])” on page 68
PDnAll ................................. “Power Down (PDnAll)” on page 81
PWMDSel[1:0]
PWM_SIG1
PWM_SIG2
00
Output disabled.
Output disabled.
01
Channel 1
Channel 2
10
Channel 1
Channel 3
11
Channel 2
Channel 3
Table 8. PWM Logic-Level Output Configurations
Referenced Control
Register Location
PWMDSel[1:0]..................... “PWM Signals Output Data Select (PWMDSel[1:0])” on page 68
HP/Mute .............................. “HP_Detect/Mute Pin Mode (HP/Mute)” on page 65
PDnAll ................................. “Power Down (PDnAll)” on page 81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com