Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS4525 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital TV Amplifier with Integrated ADC
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 16Page - Cirrus Logic CS4525 Datasheet HTML 17Page - Cirrus Logic CS4525 Datasheet HTML 18Page - Cirrus Logic CS4525 Datasheet HTML 19Page - Cirrus Logic CS4525 Datasheet HTML 20Page - Cirrus Logic CS4525 Datasheet HTML 21Page - Cirrus Logic CS4525 Datasheet HTML 22Page - Cirrus Logic CS4525 Datasheet HTML 23Page - Cirrus Logic CS4525 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 91 page
background image
20
DS726A1
CS4525
PWM POWER OUTPUT CHARACTERISTICS
AGND = DGND = PGND = 0 V; All voltages with respect to ground; VP = 18 V; RL = 8 Ω for full-bridge, RL = 4 Ω for
half-bridge and parallel full-bridge; PWM Switch Rate = 384 kHz; 10 Hz to 20 kHz Measurement Bandwidth; Per-
formance measurements taken with a full scale 997 Hz sine wave and AES17 filter; Unless otherwise specified.
Parameters
Symbol
Conditions
Min
Typ
Max
Units
Power Output per Channel
Stereo Full-Bridge
Half-Bridge
Parallel Full-Bridge
PO
THD+N < 10%
THD+N < 1%
THD+N < 10%
THD+N < 1%
THD+N < 10%
THD+N < 1%
-
-
-
-
-
-
15
12
7
5.5
30
23.5
-
-
-
-
-
-
W
W
W
W
W
W
Total Harmonic Distortion + Noise
Stereo Full-Bridge
Half-Bridge
Parallel Full-Bridge
THD+N
PO = 1 W
PO = 0 dBFS = 11.3 W
PO = 1 W
PO = 0 dBFS = 5.0 W
PO = 1 W
PO = 0 dBFS = 22.6 W
-
-
-
-
-
-
0.1
0.3
0.1
0.3
0.1
0.3
-
-
-
-
-
-
%
%
%
%
%
%
Dynamic Range
Stereo Full-Bridge
Half-Bridge
Parallel Full-Bridge
DYR
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
PO = -60 dBFS, A-Weighted
PO = -60 dBFS, Unweighted
-
-
-
-
-
-
102
99
102
99
102
99
-
-
-
-
-
-
dB
dB
dB
dB
dB
dB
MOSFET On Resistance
RDS(ON)
Id = 0.5 A, TJ =50°C
-
518
615
m
Ω
Efficiency
h
PO = 2 x 11.3 W, RL = 8 Ω
-85
-
%
Minimum Output Pulse Width
PWmin
No Load
-
50
-
ns
Rise Time of OUTx
tr
Resistive Load
-
20
-
ns
Fall Time of OUTx
tf
Resistive Load
-
20
-
ns
PWM Output Over-Current Error Trip Point
ICE
TA = 25°C, OCREF = 20 kΩ
2.0
-
-
A
Junction Thermal Warning Trip Point
TTW
-
120
-
°C
Junction Thermal Error Trip Point
TTE
-
140
-
°C
VP Under-Voltage Error Trip Point
VUV
TA = 25°C4
-
-
V
Ramp-Up Time - Half-Bridge Configuration
TRU
Capacitor = 1000 µF
-
0.8
-
s
Ramp-Down Time- Half-Bridge Configuration
TRD
Capacitor = 1000 µF
-
50
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com